CD214A-R1400
AI

The **CD214A-R1400** is a specific surface-mount (SMD) **Rectifier Diode** manufactured primarily by Bourns. It is part of the CD214A series and is designed for power rectification and protection in compact electronic circuits.
---
### 1. Key Technical Specifications
The part number "R1400" provides specific clues about its electrical ratings:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | General Purpose Rectifier Diode |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 400 V |
| **Maximum Average Forward Current ($I_{F(AV)}$)** | 1.0 A |
| **Peak Forward Surge Current ($I_{FSM}$)** | 30 A (8.3 ms half-sine wave) |
| **Maximum Forward Voltage ($V_F$)** | 1.1 V @ 1.0 A |
| **Operating Junction Temperature** | -55 °C to +150 °C |
| **Package Type** | SMA (DO-214AC) |
---
### 2. Physical Construction and Package
The "CD214A" prefix refers to the industry-standard **SMA (DO-214AC)** package.
* **Footprint:** Small surface-mount package.
* **Termination:** Lead-free (RoHS compliant).
* **Marking:** Usually identified by a code on the body (often including "R1400" or a simplified manufacturer code) and a **cathode band** indicating the direction of current flow.
---
### 3. Functional Breakdown
* **Rectification:** It allows current to flow in one direction (Anode to Cathode) while blocking it in the reverse direction. This is essential for converting AC to DC.
* **Reverse Blocking:** With a 400V rating, it is suitable for circuits connected to AC mains (after initial transformation) or high-voltage DC rails.
* **Low Profile:** The SMA package is designed for automated assembly on PCBs where vertical space is limited.
---
### 4. Common Applications
Due to its 1A / 400V rating, it is frequently found in:
1. **AC-DC Adapters:** Small power supplies for consumer electronics.
2. **Freewheeling Diodes:** Protecting circuits from inductive spikes (back EMF) in relay or motor drivers.
3. **Polarity Protection:** Preventing damage if a battery or DC input is connected backward.
4. **Lighting:** LED driver circuits and ballasts.
---
### 5. Identification Code Example
If you are looking at a PCB and see this component, the naming convention follows:
`CD` (Chip Diode) + `214A` (SMA Package size) + `R` (Rectifier) + `1` (1 Amp) + `400` (400 Volts).
- ⤷
What are the main differences between the CD214A
- ⤷ CD214B
- ⤷ and CD214C series?
- ⤷ Can this diode be used for high-frequency switching power supplies?
- ⤷ What are the recommended footprint dimensions for soldering an SMA package?