AI

The **CD40106G-S14-R** is a high-performance CMOS integrated circuit consisting of six independent **Schmitt-trigger inverters**. It is widely used for wave-shaping, noise reduction, and signal conditioning in digital circuits.
---
### 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Hex Inverter (Schmitt Trigger) |
| **Supply Voltage (Vcc)** | 3V to 18V |
| **Number of Channels** | 6 |
| **Package Type** | SOP-14 (Small Outline Package) |
| **Operating Temperature** | -40°C to +125°C |
| **Hysteresis Voltage** | Typically 0.9V at Vcc=5V |
| **Output Current** | 0.88 mA (Low), -0.88 mA (High) |
---
### 2. Functional Description
The CD40106 functions as a standard inverter (NOT gate), but with a **Schmitt-trigger** input. This means it has different input threshold levels for positive-going and negative-going signals.
#### Key Features:
* **Hysteresis:** The gap between the upper and lower threshold voltages allows the device to ignore small fluctuations (noise) in the input signal.
* **Clean Switching:** It converts slowly changing input signals (like sine waves or charging RC circuits) into sharp, clean square waves.
* **Low Power Consumption:** Being a CMOS device, it draws very little current when in a static state.
---
### 3. Pin Configuration (SOP-14)
The device follows the standard 14-pin layout for hex inverters:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1, 3, 5, 9, 11, 13 | **In A - F** | Inputs for the 6 Inverters |
| 2, 4, 6, 8, 10, 12 | **Out A - F** | Outputs for the 6 Inverters |
| 7 | **GND** | Ground (0V) |
| 14 | **Vcc / Vdd** | Positive Supply Voltage |
---
### 4. Common Applications
* **Pulse Shapers:** Cleaning up noisy digital signals.
* **Oscillators:** When combined with a resistor and a capacitor (RC circuit), it can create a simple square-wave generator (Astable Multivibrator).
* **Debouncing Circuits:** Used in push-button interfaces to prevent multiple "clicks" from a single physical press.
* **Level Shifting:** Interfacing between different logic voltage levels (within the 3V-18V range).
---
### 5. Part Number Breakdown
* **CD40106:** The base series (4000 series CMOS).
* **G:** Often indicates "Green" (Halogen-free/RoHS compliant).
* **S14:** Refers to the **SOP-14** package.
* **R:** Indicates **Tape & Reel** packaging for automated assembly.
- ⤷
How do I calculate the frequency of an oscillator using the CD40106?
- ⤷ What is the difference between a standard inverter and a Schmitt-trigger inverter?
- ⤷ Can the CD40106 be used for 3.3V and 5V logic level conversion?