AI

## Technical Overview of the CD74ACT05E
The **CD74ACT05E** is a high-speed CMOS logic integrated circuit. Specifically, it contains **six independent inverters with open-drain outputs**. It belongs to the "ACT" series, meaning it is compatible with TTL (Transistor-Transistor Logic) voltage levels but utilizes CMOS technology for lower power consumption.
---
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Logic Family** | CD74ACT (Advanced CMOS, TTL-Compatible) |
| **Logic Type** | Inverter (NOT Gate) |
| **Output Type** | Open-Drain |
| **Number of Elements** | 6 (Hex Inverter) |
| **Voltage Supply (VCC)** | 4.5V to 5.5V |
| **Package Type** | PDIP-14 (Plastic Dual In-Line Package) |
| **Operating Temperature** | -55°C to 125°C |
---
### Understanding the "Open-Drain" Feature
Unlike standard push-pull outputs, the CD74ACT05E uses **open-drain** outputs.
* **Active Low:** When the input is High, the output pulls to Ground (Low).
* **High Impedance (Hi-Z):** When the input is Low, the output transistor is turned off.
* **Requirement:** To achieve a "High" logic level at the output, an external **pull-up resistor** must be connected between the output pin and the desired voltage rail.
---
### Pin Configuration (PDIP-14)
```text
+---U---+
1A | 1 14| VCC
1Y | 2 13| 6A
2A | 3 12| 6Y
2Y | 4 11| 5A
3A | 5 10| 5Y
3Y | 6 9| 4A
GND | 7 8| 4Y
+-------+
```
---
### Common Applications
1. **Wired-AND Functions:** Multiple open-drain outputs can be connected to a single pull-up resistor. If any inverter output goes Low, the entire line goes Low.
2. **Level Shifting:** Because the output is open-drain, it can be pulled up to a different voltage level (e.g., pulling a 5V logic signal up to 12V), provided the voltage does not exceed the chip's maximum ratings.
3. **Driving LEDs/Relays:** The outputs can sink current effectively, making them useful for driving small loads directly to ground.
---
### Comparison: ACT vs. HC Series
| Parameter | 74HC05 (High-Speed CMOS) | 74ACT05 (Advanced CMOS TTL) |
| :--- | :--- | :--- |
| **Input Thresholds** | CMOS levels (scaled to VCC) | TTL levels (fixed) |
| **Speed** | Moderate | Very High (Fast propagation) |
| **Compatibility** | Standard CMOS | Designed to interface with TTL |
---
- ⤷
What is the maximum output sink current for the CD74ACT05E?
- ⤷ Why would I choose an open-drain inverter over a standard push-pull inverter?
- ⤷ How do I calculate the value of the pull-up resistor for this IC?