AI

## Technical Overview: CD74ACT05EE4
The **CD74ACT05EE4** is a high-speed CMOS logic integrated circuit. Specifically, it consists of **six independent inverters with open-drain outputs**. It belongs to the "ACT" (Advanced CMOS with TTL-compatible inputs) family, making it ideal for interfacing between different voltage levels or driving loads that require a pull-up resistor.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | ACT (Advanced CMOS TTL-Compatible) |
| **Logic Type** | Inverter (Hex) |
| **Output Type** | Open-Drain |
| **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Input Logic High ($V_{IH}$)** | 2.0V (Min) |
| **Input Logic Low ($V_{IL}$)** | 0.8V (Max) |
| **Propagation Delay** | ~5ns to 8.5ns (Typical) |
| **Package Type** | PDIP-14 (Plastic Dual In-Line Package) |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Functional Characteristics
#### Open-Drain Output
Unlike standard push-pull outputs, an **open-drain** output can only pull the signal to Ground (Low). To achieve a Logic High state, an external **pull-up resistor** must be connected to a voltage source.
* **Advantage:** This allows for "Wired-AND" logic configurations.
* **Voltage Shifting:** You can pull the output to a higher or lower voltage than the chip's $V_{CC}$ (up to 5.5V).
#### TTL Compatibility
The "ACT" designation means the input thresholds are designed to be compatible with standard TTL (Transistor-Transistor Logic) levels, even though the internal structure is CMOS. This allows the chip to be driven by older 5V TTL systems while maintaining low CMOS power consumption.
---
### 3. Pinout Configuration (14-Pin PDIP)
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1, 3, 5, 9, 11, 13 | 1A to 6A | Data Inputs |
| 2, 4, 6, 8, 10, 12 | 1Y to 6Y | Open-Drain Outputs |
| 7 | GND | Ground |
| 14 | $V_{CC}$ | Supply Voltage (5V) |
---
### 4. Common Applications
* **Level Shifting:** Converting signals between different logic families.
* **Driving LEDs/Relays:** Since it can sink current effectively, it is often used to drive small loads.
* **Wired-OR/AND Logic:** Multiple open-drain outputs can be tied together to a single pull-up resistor.
* **Bus Interfacing:** Managing data lines where multiple devices might need to control a single wire.
---
### 5. Implementation Example (Verilog)
If you were simulating the behavior of one gate of this IC in a hardware description language:
```verilog
// Behavioral model of one open-drain inverter
module act05_inverter (
input wire A,
output wire Y
);
// Y is driven to 0 if A is high;
// Y is high-impedance (tri-state) if A is low.
assign Y = (A) ? 1'b0 : 1'bz;
endmodule
```
- ⤷
What is the maximum output current (IOL) that the CD74ACT05EE4 can sink?
- ⤷ How does the 'ACT' family differ from the 'HC' or 'HCT' series?
- ⤷ What value of pull-up resistor is typically recommended for this IC?