CDBKB450KCAY79-R0_V01
AI

Based on the part number **CDBKB450KCAY79-R0**, this component is a **Ceramic Discriminator** manufactured by **Murata Electronics**. These parts are specifically designed for FM detection in telecommunication devices.
---
### 1. Component Overview
The CDBKB series consists of surface-mount ceramic resonators used primarily in FM intermediate frequency (IF) circuits. They function by converting frequency deviations into voltage variations.
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Component Type** | Ceramic Discriminator (Surface Mount) |
| **Center Frequency** | 450 kHz |
| **Frequency Tolerance** | ±1.5 kHz (Approximate) |
| **Application** | FM IF Detection / Demodulation |
| **Packaging** | Tape & Reel (R0 suffix) |
---
### 2. Technical Characteristics
The "450K" in the part number indicates the center frequency of **450 kHz**, which is a standard intermediate frequency for narrow-band FM receivers (like walkie-talkies or cordless phones).
* **Demodulation:** It works alongside an IC (Integrated Circuit) to recover audio signals from an FM carrier.
* **Stability:** Ceramic materials provide high mechanical stability and thermal resistance compared to traditional LC coils.
* **Form Factor:** The "KB" series is known for its small footprint, making it suitable for high-density PCB designs.
---
### 3. Part Number Breakdown
While Murata codes can be complex, here is a general interpretation of the string:
| Segment | Meaning |
| :--- | :--- |
| **CDB** | Ceramic Discriminator for communication |
| **KB** | Specific series/case style (SMD) |
| **450K** | Center frequency (450.0 kHz) |
| **CAY79** | Specific electrical characteristics/internal design code |
| **R0** | Packaging code (typically 180mm diameter plastic tape) |
---
### 4. Typical Application Circuit
In a typical receiver circuit, the discriminator is connected to the quadrature input of an FM IF IC (such as those from NXP or Toshiba).
```text
[IF Filter] --> [IF Limiter/Amplifier IC]
|
[CDBKB450KCAY79] <-- Discriminator Tank
|
[Audio Output]
```
---
- ⤷
What are the compatible ICs for this ceramic discriminator?
- ⤷ What is the difference between a ceramic resonator and a ceramic discriminator?
- ⤷ Can this part be used in 455 kHz IF circuits?