CDBKB455KCAX33-R0
AI

The **CDBKB455KCAX33-R0** is a specific type of electronic component known as a **Ceramic Discriminator**. It is primarily used in communication equipment for demodulating FM (Frequency Modulation) signals.
---
### 1. General Specifications
This component is manufactured by **Murata Electronics** and belongs to the surface-mount device (SMD) category.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ceramic Discriminator |
| **Center Frequency (fo)** | 455 kHz |
| **Mounting Type** | Surface Mount (SMD) |
| **Application** | FM Demodulation / IC Interfacing |
| **Packaging** | Tape & Reel (R0 suffix) |
---
### 2. Functional Description
A ceramic discriminator is a resonant device that converts frequency variations into voltage variations. In a typical radio receiver circuit:
1. It works in conjunction with an **FM IF (Intermediate Frequency) IC**.
2. It provides the phase-shift required for the quadrature detection of FM signals.
3. The "455K" in the part number signifies its operation at the standard intermediate frequency of **455 kHz**.
---
### 3. Key Electronic Characteristics
* **Resonant Impedance:** Engineered to match the requirements of specific FM detector ICs.
* **Stability:** High frequency stability against temperature changes and aging.
* **Size:** Compact SMD footprint, allowing for high-density circuit board layouts in portable devices like walkie-talkies or cordless phones.
---
### 4. Part Number Breakdown
The nomenclature can be decoded as follows:
* **CDB**: Ceramic Discriminator.
* **KB**: Series designation (specific frequency/bandwidth characteristics).
* **455K**: Nominal center frequency (455 kHz).
* **CAX33**: Internal design code (refers to specific electrical tolerances and matching ICs).
* **R0**: Packaging code (180mm Diameter Plastic Taping).
---
- ⤷
Which FM ICs are typically compatible with this discriminator?
- ⤷ What is the difference between a ceramic discriminator and a ceramic filter?
- ⤷ How do temperature fluctuations affect the 455kHz center frequency?