CDEP85NP-R80MC-88
AI

The **CDEP85NP-R80MC-88** is a high-power, surface-mount (SMD) power inductor manufactured by **Sumida**. It belongs to the CDEP85 series, which is characterized by its high current capability and magnetic shielding.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Inductance** | 0.8 µH |
| **Tolerance** | ±20% (Code: M) |
| **DC Resistance (Max)** | 3.50 mΩ |
| **Saturation Current (Isat)** | ~21.0 A (at 20°C) |
| **Temperature Rise Current (Irms)** | ~14.5 A |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 8.0 x 8.0 x 6.0 mm |
---
### 2. Part Number Breakdown
To understand the component better, here is the decoding of the nomenclature:
* **CDEP85**: The series name (Standard power inductor, ~8mm footprint).
* **NP**: Indicates the packaging type (Standard Carrier Tape).
* **R80**: Represents the inductance value. `R80` = 0.80 µH.
* **M**: The tolerance code. `M` = ±20%.
* **C**: Connection/Terminal type.
* **88**: Specific internal factory/design code (often relating to height or core material).
---
### 3. Core Features and Construction
* **Magnetic Shielding:** The part is magnetically shielded, which prevents electromagnetic interference (EMI) with neighboring components on the PCB.
* **High Current Handling:** Due to the use of a manganese-zinc (Mn-Zn) ferrite core, it offers high saturation current levels compared to standard inductors.
* **Flat Wire Technology:** Many inductors in this series use flat copper wire to reduce DC resistance (DCR), which improves efficiency and reduces heat generation.
---
### 4. Common Applications
This inductor is typically used in power management circuits where high efficiency and high current are required:
1. **DC/DC Converters:** Used in buck or boost regulators.
2. **Computing:** Power supplies for CPUs and GPUs (VRM modules).
3. **Industrial:** High-efficiency power supplies for automation equipment.
4. **Audio:** Class-D amplifiers and filtering.
---
- ⤷
What is the difference between Saturation Current and Temperature Rise Current for this inductor?
- ⤷ Are there equivalent alternatives from other manufacturers like Coilcraft or TDK?
- ⤷ How does the Mn-Zn core material affect performance compared to Ni-Zn cores?