Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CDR04BX102BFURAJ

  • AI
    ## Technical Analysis of CDR04BX102BFURAJ The **CDR04BX102BFURAJ** is a high-reliability, military-grade surface mount multilayer ceramic capacitor (MLCC). This specific part number follows the **MIL-PRF-55681** standard, which dictates its performance and testing requirements for defense and aerospace applications. --- ### 1. Part Number Breakdown To understand the electronic properties, we must decode the military designation: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Style** | CDR04 | Size: 1812 (approx. 4.5mm x 3.2mm) | | **Characteristic** | BX | Voltage-Temperature Limits (±15% change max) | | **Capacitance** | 102 | 1000 pF (1.0 nF) | | **Tolerance** | B | ±0.10 pF (or ±1% depending on series context) | | **Voltage** | F | 50 Volts DC | | **Termination** | U | Copper barrier, Tin-Lead (SnPb) finish (min 4% Pb) | | **Failure Rate** | R | 0.01% per 1000 hours (Established Reliability) | | **Packaging/Test** | AJ | Specific testing or bulk packaging code | --- ### 2. Key Electrical Specifications The device is designed for stable performance in harsh environments where failure is not an option. * **Capacitance:** 1,000 pF (1 nF). * **Voltage Rating:** 50 VDC. * **Dielectric (BX):** This is a Mid-K dielectric. It provides a balance between high capacitance and stability. Under the military "BX" classification, it ensures that capacitance won't shift more than +15% / -25% over the full temperature range when voltage is applied. * **Operating Temperature Range:** -55°C to +125°C. * **Termination:** Unlike commercial capacitors, this uses a **Tin-Lead (SnPb)** finish. This is critical for military/aerospace to prevent "tin whiskers," which can cause short circuits in vacuum or high-vibration environments. --- ### 3. Physical Attributes (Case Size) The **CDR04** style corresponds to the **1812** metric equivalent. | Dimension | Inches (Nominal) | Millimeters (Nominal) | | :--- | :--- | :--- | | Length (L) | 0.180 | 4.57 | | Width (W) | 0.126 | 3.20 | | Thickness (T) | 0.080 (max) | 2.03 (max) | --- ### 4. Typical Applications Due to its **MIL-PRF-55681** qualification and **R-level** failure rate, this component is used in: 1. **Avionics:** Flight control systems and radar. 2. **Defense:** Missile guidance and secure communications. 3. **Space:** Satellite power conditioning (due to the leaded termination). 4. **Decoupling:** Filtering high-frequency noise in sensitive RF circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' failure rate compared to other military levels?
    • ⤷ How does the BX dielectric differ from the commercial X7R dielectric?
    • ⤷ Why is the Tin-Lead termination preferred over Lead-Free in aerospace?