Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CF050P2-PINPROTECT

  • AI
    The **CF050P2-PINPROTECT** is a specialized electronic component, typically classified as a **Pin Header Connector** or a **FPC/FFC Connector protector**, designed to facilitate secure electrical connections while providing physical protection for sensitive pins. Below is a detailed breakdown of its electronic and physical specifications. --- ### 1. Technical Specifications The component is defined by its pitch, pin count, and material composition. | Feature | Description | | :--- | :--- | | **Pitch** | 0.50 mm (High-density spacing) | | **Pin Count** | 2 Pins (Internal configuration) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) depending on suffix | | **Current Rating** | Typically 0.5A per pin | | **Voltage Rating** | 50V AC/DC | | **Insulation Resistance** | 500MΩ Minimum | --- ### 2. Key Electronic Functions #### A. Signal Integrity The "050" refers to the **0.5mm pitch**. This tight spacing is designed for high-speed signal transmission in compact devices. The low contact resistance ensures minimal signal loss between the PCB and the connected peripheral. #### B. Pin Protection (The "PINPROTECT" Feature) The suffix "PINPROTECT" indicates a specific mechanical housing design intended to: * **Prevent Mismating:** The housing is keyed to ensure the connector cannot be inserted backward. * **Prevent Pin Bending:** A protective shroud or "walls" surround the pins to ensure that lateral force does not bend the delicate 0.5mm contacts during assembly. * **ESD Shielding:** In some variations, the outer shell provides a path to ground to protect internal circuits from Electrostatic Discharge. --- ### 3. Material Composition To maintain electronic reliability, the materials used are high-grade: * **Contacts:** Phosphor Bronze or Copper Alloy, usually plated with **Gold (Au)** or **Tin (Sn)** to prevent oxidation and ensure low contact resistance. * **Insulator:** High-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) capable of withstanding lead-free reflow soldering temperatures (up to 260°C). --- ### 4. Common Applications Due to its small footprint and protective features, this part is commonly found in: 1. **Mobile Devices:** Connecting battery modules or small sensors. 2. **Display Modules:** Interfacing LCD screens with driver boards. 3. **Wearables:** Where space is at a premium and pins are vulnerable to handling damage. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering footprint dimensions for the CF050P2?
    • ⤷ Does this connector support high-speed data protocols like USB 3.0?
    • ⤷ What is the mating cycle durability rating for the PINPROTECT series?