CF322513-R39K
AI

The **CF322513-R39K** is a surface-mount (SMD) wire-wound chip inductor. It is designed for use in high-frequency circuits where stability and precision are required in a small footprint.
---
## 1. Technical Specifications
The part number follows a standard naming convention that defines its physical and electrical properties.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.39 µH | The "R39" represents the decimal 0.39. |
| **Tolerance** | ±10% | Indicated by the "K" suffix. |
| **Case Size** | 3225 (Metric) / 1210 (EIA) | Dimensions: 3.2mm x 2.5mm. |
| **Core Material** | Ferrite / Wire-wound | Offers high Q (Quality factor) and current handling. |
| **Standard** | AEC-Q200 | Often qualified for automotive/industrial reliability. |
---
## 2. Part Number Breakdown
Understanding the alphanumeric code helps in identifying the component's capabilities:
1. **CF**: Typically denotes the manufacturer's series (e.g., Bourns or similar generic manufacturers).
2. **3225**: Physical dimensions (3.2mm length x 2.5mm width).
3. **13**: Profile height (approx. 1.3mm).
4. **R39**: Inductance value (R acts as the decimal point: 0.39 microhenries).
5. **K**: Tolerance code (K = ±10%, J = ±5%, M = ±20%).
---
## 3. Key Applications
Because this is a wire-wound inductor with a ferrite core, it is commonly found in:
* **RF Tuning:** Used in communication equipment for frequency selection.
* **Filtering:** Decoupling power supply lines to prevent electromagnetic interference (EMI).
* **Signal Processing:** High-speed data lines requiring signal integrity.
* **Automotive Electronics:** Sensors and control units due to its robust 1210 package size.
---
## 4. Advantages & Limitations
### Pros:
* **High Resonance Frequency:** Suitable for high-speed switching and RF.
* **Robustness:** Wire-wound construction is generally more durable than multilayer types for current surges.
* **Standard Footprint:** Easy to source and fits on standard PCB pads.
### Cons:
* **Size:** Larger than 0402 or 0603 multilayer chips.
* **EMI:** As a wire-wound part, it may emit more stray magnetic fields than shielded inductors.
- ⤷
What are the maximum current (Irms) and saturation current (Isat) ratings for this specific part?
- ⤷ Can this inductor be replaced with a multilayer inductor of the same value?
- ⤷ What is the typical Self-Resonant Frequency (SRF) for a 0.39 µH 1210 inductor?