CF322522-R39M
AI

The **CF322522-R39M** is a high-frequency chip inductor designed for surface-mount technology (SMT). It belongs to a category of passive components used primarily for filtering, decoupling, and impedance matching in high-frequency circuits.
---
### 1. Technical Specifications
The part number follows a standardized nomenclature. Below is a breakdown of its key electrical and physical attributes:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.39 µH | The "R39" indicates the value (0.39 microhenries). |
| **Tolerance** | ±20% | Indicated by the "M" suffix. |
| **Case Size (Imperial)** | 1210 | Dimensions of 3.2mm x 2.5mm x 2.2mm. |
| **Case Size (Metric)** | 3225 | Named after its dimensions in millimeters. |
| **SRF (Self-Resonant Frequency)** | ~450 MHz | The point where the component stops acting as an inductor. |
| **Rated Current (max)** | ~450 mA | The maximum DC current the inductor can handle. |
| **DC Resistance (DCR)** | ~0.45 Ω | The internal resistance of the wire winding. |
---
### 2. Component Structure
The "CF" series typically utilizes a **wire-wound** construction on a ceramic or ferrite core.
* **Winding:** Fine copper wire is wrapped around a core to provide stable inductance.
* **Encapsulation:** Usually molded in a heat-resistant resin to protect against environmental factors and facilitate pick-and-place assembly.
* **Terminations:** Solder-plated electrodes (usually Tin over Nickel) for robust SMT soldering.
---
### 3. Key Applications
Because of its small footprint and frequency response, it is commonly found in:
1. **Telecommunications:** Base stations and portable radio equipment.
2. **RF Circuits:** Impedance matching and filtering in high-frequency signal paths.
3. **Consumer Electronics:** Power management modules for tablets, smartphones, and laptops.
4. **Signal Conditioning:** Reducing EMI (Electromagnetic Interference) in high-speed data lines.
---
### 4. Advantages & Limitations
* **Advantages:**
* Excellent Q-factor (Quality factor) at high frequencies.
* Very small footprint (1210 size) for dense PCB layouts.
* High heat resistance for reflow soldering.
* **Limitations:**
* Relatively high DCR compared to power inductors, making it unsuitable for high-current power stages.
* Inductance value can shift if subjected to physical stress or magnetic saturation.
---
- ⤷
What are the equivalent alternative parts for the CF322522 series?
- ⤷ How does the Q-factor of this inductor affect signal integrity?
- ⤷ What is the difference between a wire-wound and a multilayer chip inductor?