CFL161010CF-R39
AI

Based on the part number **CFL161010CF-R39**, this is a **Multilayer Chip Inductor** (specifically a Power Inductor) typically used for power management in compact electronic devices.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Part Number Breakdown
The nomenclature follows industry standards for surface-mount device (SMD) inductors:
| Component Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CFL** | Series Code | Multilayer Chip Power Inductor. |
| **161010** | Dimensions | Metric size: 1.6 x 1.0 x 1.0 mm (EIA 0604). |
| **CF** | Material Code | Refers to the ferrite material type and construction. |
| **R39** | Inductance Value | **0.39 µH** (R denotes the decimal point). |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (such as TDK, Murata, or Sunlord), the "R39" series generally adheres to these parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 0.39 µH |
| **Tolerance** | ±20% or ±30% (Standard for power inductors) |
| **DC Resistance (DCR)** | ~0.08Ω - 0.12Ω (Low resistance for efficiency) |
| **Rated Current (I-sat)** | ~1.2A - 1.8A (Saturation current) |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Electronic Characteristics
* **Multilayer Construction:** Unlike wire-wound inductors, this is built by layering conductive paste and ferrite material. This results in a magnetically shielded structure, reducing electromagnetic interference (EMI).
* **High Current Handling:** Despite its small 0604 footprint, the "CF" series is designed to handle the high ripple currents found in DC-DC converters.
* **Low Profile:** The "10" in the suffix indicates a maximum height of 1.0mm, making it ideal for slim devices like smartphones and wearables.
---
### 4. Typical Applications
This specific inductor is primarily used in **Point of Load (POL)** power modules and **DC-DC Step-Down (Buck) Converters**:
1. **Mobile Phones:** Powering the CPU/GPU rails where space is critical.
2. **SSD Drives:** Filtering noise in high-speed data storage power lines.
3. **IoT Modules:** Providing stable voltage regulation for Bluetooth/Wi-Fi chips.
---
- ⤷
What are the main differences between this multilayer inductor and a wire-wound inductor of the same value?
- ⤷ How does the 'R39' inductance value affect the ripple current in a buck converter?
- ⤷ Which manufacturers currently produce the CFL161010 series?