CFL252018CF-R47
AI

The **CFL252018CF-R47** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits and power management modules where space is limited but high performance is required.
---
### 1. Part Number Deciphering
To understand the component, we can break down its alphanumeric code:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CFL** | Series Type | Chip Ferrite Inductor (Low Profile/High Current) |
| **252018** | Case Size | 2.5mm x 2.0mm x 1.8mm (Metric Dimensions) |
| **CF** | Material/Feature | Ceramic/Ferrite core construction |
| **R47** | Inductance Value | **0.47 µH** (R denotes decimal point) |
---
### 2. Technical Specifications
While specific tolerances can vary by manufacturer (such as Taiyo Yuden or Bourns equivalents), the general characteristics for a **0.47 µH** inductor in this footprint are:
* **Inductance:** 0.47 µH
* **Tolerance:** Usually ±10% (K) or ±20% (M)
* **Core Material:** Ferrite (provides high magnetic permeability)
* **Operating Temperature:** Typically -40°C to +125°C
* **Mounting Type:** Surface Mount (SMD/SMT)
---
### 3. Key Electronic Functions
The CFL252018CF-R47 performs several critical roles in a circuit:
#### A. DC-DC Conversion
It acts as an energy storage element in switching regulators. It stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle to maintain a steady output voltage.
#### B. Signal Filtering (EMI Suppression)
Due to its impedance characteristics, it allows DC to pass while blocking high-frequency noise. It is often used in LC filters to smooth out ripples in power lines.
#### C. Impedance Matching
In RF applications, this inductor can be used to match the impedance between different stages of a circuit to ensure maximum power transfer and minimum signal reflection.
---
### 4. Physical Construction
The part is "Wire-Wound," meaning it consists of a copper wire coiled around a ferrite core.
* **Pros:** Lower DC Resistance (DCR) and higher current handling compared to multilayer inductors.
* **Cons:** Slightly larger physical profile than multilayer ceramic types.
---
- ⤷What is the maximum current rating (Irat) for the R47 variant?
- ⤷ How does a ferrite core differ from a ceramic core in this package size?
- ⤷ What are the common applications for a 0.47 µH inductor in mobile electronics?