CFL252018SF-R82
AI

The **CFL252018SF-R82** is a surface-mount (SMD) power inductor commonly used in compact electronic devices. This part follows specific naming conventions established by manufacturers like Bourns or TDK.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CFL** | Series Type | Wire-wound chip inductor for power/signal lines. |
| **252018** | Case Size | Dimensions: 2.5mm x 2.0mm x 1.8mm. |
| **SF** | Compliance | RoHS compliant and Halogen-free. |
| **R82** | Inductance Value | **0.82 µH** (R denotes decimal point). |
| **K/M/J** | Tolerance | (Usually appended) K=±10%, M=±20%. |
---
### 2. Key Electrical Specifications
While specific datasheets may vary slightly between brands, a typical 0.82µH inductor in this footprint exhibits these characteristics:
* **Inductance:** 0.82 µH (Microhenries).
* **DC Resistance (DCR):** Generally low, typically ranging from **0.10 to 0.25 Ohms** to minimize power loss.
* **Rated Current:** Usually handles between **400mA to 800mA** (depending on the specific sub-series and temperature rise).
* **Self-Resonant Frequency (SRF):** High SRF, often above **100 MHz**, making it suitable for high-frequency filtering.
* **Operating Temperature:** Typically rated for **-40°C to +125°C**.
---
### 3. Construction and Material
* **Core Material:** Ferrite core. Ferrite provides high permeability and low eddy current losses, ideal for efficient power conversion.
* **Winding:** Wire-wound construction. This offers a higher Q-factor (quality factor) and better current handling compared to multilayer ceramic inductors of the same size.
* **Termination:** Tin-plated copper electrodes for reliable soldering during the SMT reflow process.
---
### 4. Common Applications
Due to its small footprint and 0.82µH inductance, this component is found in:
1. **DC-DC Converters:** Used in buck or boost converters for smartphones, tablets, and wearables.
2. **EMI Suppression:** Filtering high-frequency noise in power supply lines.
3. **RF Circuits:** Decoupling and matching networks in communication modules.
4. **Power Management Integrated Circuits (PMICs):** General-purpose energy storage.
---
- ⤷
What is the maximum saturation current for the R82 variant?
- ⤷ How does a ferrite core differ from a ceramic core in SMD inductors?
- ⤷ Can this inductor be used in automotive-grade applications (AEC-Q200)?