CFWKA450KEFA-R0
AI

The **CFWKA450KEFA-R0** is a specific type of **Ceramic Filter** manufactured by **Murata Electronics**. It is designed primarily for use in the intermediate frequency (IF) stages of communication equipment, such as AM/FM radios and telecommunication receivers.
### 1. Component Overview
The CFWKA series belongs to the family of **piezoelectric filters**. These components use the mechanical vibrations of ceramic elements to filter out unwanted frequencies while allowing a specific band of frequencies to pass through.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Ceramic Filter (Ladder Type) |
| **Manufacturer** | Murata Electronics |
| **Center Frequency** | 450 kHz |
| **Mounting Type** | Surface Mount Device (SMD) |
| **Primary Application** | AM Narrow-band communication |
---
### 2. Technical Specifications
This part is characterized by its "ladder" construction, which provides high selectivity and steep attenuation curves.
| Parameter | Value (Typical) |
| :--- | :--- |
| **Center Frequency ($f_o$)** | 450 kHz |
| **3dB Bandwidth** | ±7.5 kHz min. |
| **6dB Bandwidth** | ±10.0 kHz min. |
| **Stop Band Attenuation** | 50 dB min. (at $f_o$ ±100 kHz) |
| **Insertion Loss** | 4.0 dB max. |
| **Input/Output Impedance** | 1500 $\Omega$ |
---
### 3. Key Characteristics
* **High Selectivity:** Due to the internal "ladder" arrangement of ceramic resonators, it can sharply distinguish between the desired signal and adjacent channel interference.
* **Miniaturization:** The "KA" suffix indicates a specific small-form factor SMD package, making it suitable for high-density circuit boards in portable devices.
* **Stability:** Ceramic filters are preferred over LC (Inductor-Capacitor) filters because they offer better temperature stability and do not require manual tuning during production.
---
### 4. Typical Circuit Application
In a superheterodyne receiver, the CFWKA450KEFA-R0 is placed after the mixer stage. Its role is to isolate the **450 kHz Intermediate Frequency**.
```mermaid
graph LR
A[Antenna] --> B[RF Amp]
B --> C[Mixer]
D[Local Osc] --> C
C --> E{Ceramic Filter}
E --> F[IF Amp / Demodulator]
```
---
### 5. Part Number Breakdown
* **CFW**: Ceramic Filter for Communication (Ladder Type).
* **KA**: Package style/series (SMD).
* **450**: Nominal center frequency in kHz.
* **KEFA**: Bandwidth and specific electrical characteristic code.
* **R0**: Packaging code (usually refers to Tape and Reel).
- ⤷
How does the impedance matching of 1500 Ohms affect the circuit design?
- ⤷ What are the common alternatives if this specific Murata filter is obsolete?
- ⤷ How does temperature fluctuation impact the center frequency of ceramic filters?