Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CJP20-1003JB

  • AI
    The **CJP20-1003JB** is a specific type of electronic component, typically categorized as a **thick film chip resistor network** or a high-precision potentiometer component, depending on the specific manufacturer series (commonly associated with brands like Bourns or Noble). Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ### 1. Component Overview The alphanumeric code "1003JB" follows standard industry nomenclature for passive components: | Part Segment | Meaning | Description | | :--- | :--- | :--- | | **CJP** | Series Type | Often refers to a specific chip network or potentiometer series. | | **20** | Size/Power | Relates to the physical dimensions (e.g., 2.0mm length) or power rating. | | **1003** | Resistance Value | **100** (significant figures) + **3** (multiplier). $100 \times 10^3 = 100,000\,\Omega$ (**100 kΩ**). | | **J** | Tolerance | Indicates a **±5%** resistance tolerance. | | **B** | Packaging/Taper | Often indicates bulk packaging or a specific linear taper (in potentiometers). | --- ### 2. Electrical Characteristics If we treat this as a standard 100kΩ precision resistor/network, its electronic behavior is governed by the following parameters: * **Resistance:** 100 kΩ. * **Tolerance:** ±5% (Standard for general-purpose circuitry). * **Temperature Coefficient (TCR):** Usually ±100 ppm/°C to ±200 ppm/°C, meaning the resistance changes slightly based on heat. * **Power Rating:** Typically ranges from 0.063W (1/16W) to 0.1W depending on the specific package footprint. --- ### 3. Physical Construction These components are manufactured using **Thick Film technology**, which involves: 1. **Ceramic Substrate:** Usually Alumina ($Al_2O_3$) providing mechanical strength and insulation. 2. **Resistive Element:** A ruthenium oxide paste fired onto the ceramic. 3. **Protective Overcoat:** A glass or epoxy layer to protect against moisture and oxidation. 4. **Terminations:** Solderable end-caps (usually Tin over Nickel) for SMT (Surface Mount Technology) assembly. --- ### 4. Common Applications The 100kΩ value is highly versatile in electronics: * **Voltage Dividers:** Used to scale down voltages for microcontroller analog inputs. * **Pull-up/Pull-down Resistors:** Ensuring digital logic gates don't "float" in an undefined state. * **Feedback Loops:** Used in Operational Amplifier (Op-Amp) circuits to set the gain. * **RC Filters:** Combined with a capacitor to create timing circuits or signal filters. ---
    ✨ Follow-up Questions
    • ⤷ How does the '1003' code differ from a four-digit '1002' code?
    • ⤷ What are the soldering precautions for thick film components like the CJP series?
    • ⤷ Can this component be replaced by a 100k ohm resistor with a 'G' tolerance?