Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CJS-1201TB1

  • AI
    ## Understanding the CJS-1201TB1 Electronic Component The **CJS-1201TB1** is a surface-mount (SMD) slide switch manufactured by **Nidec Components** (formerly Copal Electronics). It is widely used in compact electronic devices for signal switching and power control. --- ### 1. Technical Specifications Below is a breakdown of the primary electrical and mechanical characteristics: | Parameter | Specification | | :--- | :--- | | **Type** | Slide Switch | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Switching Function** | ON-ON | | **Contact Rating** | 100mA @ 6V DC / 25mA @ 24V DC | | **Contact Resistance** | 50 mΩ Maximum | | **Insulation Resistance** | 100 MΩ Minimum (at 100V DC) | | **Dielectric Strength** | 500V AC for 1 minute | | **Mechanical Life** | 1,000 Cycles | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Actuator Type** | Top Actuation (Flush/Recessed) | --- ### 2. Key Features and Design * **Ultra-Miniature Profile:** Designed for high-density PCB layouts where space is at a premium. * **Reflow Solderable:** The casing and internal materials are heat-resistant, making them compatible with standard industrial reflow soldering processes. * **Tape and Reel Packaging:** The "TB" in the part number often indicates that the components are supplied in embossed tape packaging for automated pick-and-place assembly. * **Washable Construction:** Many versions of the CJS series are designed to be "washable," meaning they are sealed against flux and cleaning solvents. --- ### 3. Pin Configuration (SPDT) The CJS-1201TB1 features a 3-pin setup for its Single Pole Double Throw (SPDT) operation: 1. **Pin 1:** Output A 2. **Pin 2:** Common (Input/Source) 3. **Pin 3:** Output B When the slide is moved, the connection toggles between **Common-Pin 1** and **Common-Pin 3**. --- ### 4. Common Applications * **Handheld Electronics:** Power switches for medical devices, digital cameras, or GPS units. * **PCB Settings:** Functioning as a "DIP switch" alternative to set hardware modes or configurations. * **Telecommunications:** Signal routing in modems or networking hardware. * **Consumer Wearables:** Small toggle controls for fitness trackers or smart watches. ---
    ✨ Follow-up Questions
    • ⤷ What are the footprint dimensions for the CJS-1201TB1 on a PCB?
    • ⤷ Can this switch handle AC voltage applications?
    • ⤷ Is there a version of this switch with side actuation instead of top actuation?