Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CJT01-1003JB

  • AI
    Based on the part number **CJT01-1003JB**, this component is a high-power wirewound resistor typically housed in an aluminum case. These are commonly used in industrial electronics for braking, loading, and power dissipation. ### Component Overview The alphanumeric code follows a standard naming convention for power resistors: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CJT** | Series Type | Aluminum housed wirewound resistor (Chassis Mount). | | **01** | Size/Body Style | Refers to the physical dimensions and housing style. | | **100** | Power Rating | 100 Watts (nominal power dissipation). | | **3** | Multiplier | Indicates the number of zeros added to the base resistance. | | **J** | Tolerance | ±5% (Standard industry code). | | **B** | Packaging/Finish | Bulk packaging or specific terminal finish. | --- ### Key Specifications #### 1. Electrical Characteristics * **Resistance Value:** $100 \times 10^3$ Ω = **100 kΩ**. * **Power Rating:** **100 Watts** (requires a heat sink for maximum performance). * **Tolerance:** **±5%** (J grade). * **Insulation Resistance:** Usually >1000MΩ. #### 2. Physical Construction * **Core:** High-grade ceramic rod to withstand high temperatures. * **Winding:** Resistance wire (Nickel-Chrome or similar alloy) wound for stability. * **Housing:** Gold or Silver anodized aluminum case. The fins on the case increase surface area for heat dissipation. * **Encapsulation:** High-temperature silicone or epoxy molding to protect against moisture and vibration. #### 3. Thermal Management Since this is a 100W resistor, it is designed for **Chassis Mounting**. To reach its full rated power without burning out, it must be mounted to a metal surface (heat sink) using thermal grease. --- ### Common Applications * **Dynamic Braking:** Used in Variable Frequency Drives (VFDs) to dissipate energy from motors. * **Dummy Loads:** Used for testing power supplies and amplifiers. * **Inrush Current Limiting:** Protecting circuits during initial power-up. * **Voltage Dividers:** In high-power industrial control systems. --- ### Technical Precautions 1. **Derating:** At high ambient temperatures (usually above 25°C), the power handling capacity decreases. Refer to the manufacturer's derating curve. 2. **Surface Temp:** The aluminum casing can reach temperatures exceeding 200°C under full load. Ensure it is not near heat-sensitive components. 3. **Inductance:** Because it is wirewound, this part has inherent inductance and is generally not suitable for high-frequency RF applications.
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions of the CJT01 series housing?
    • ⤷ How does the power rating change if no heat sink is used?
    • ⤷ Is there a non-inductive version of this resistor available?