CK45-R3AD101KAVRA
AI

## Technical Overview of CK45-R3AD101KAVRA
The **CK45-R3AD101KAVRA** is a high-voltage ceramic disc capacitor manufactured by **TDK Corporation**. It is specifically designed for use in power supplies and electronic equipment requiring high reliability and high voltage tolerance.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 100 pF |
| **Tolerance** | ±10% (K) |
| **Rated Voltage** | 1000V DC (1kV) |
| **Temperature Coefficient** | R (Low Dissipation / High Stability) |
| **Mounting Type** | Through-Hole |
| **Lead Spacing** | 5.0 mm |
| **Package / Case** | Radial Disc |
---
### 2. Part Number Breakdown
Understanding the TDK nomenclature helps decode the component's capabilities:
* **CK45**: Series name (High Voltage Ceramic Capacitors).
* **R3AD**: Voltage and Temperature Characteristic code.
* **3A**: Rated voltage of 1000V DC.
* **R**: Class 2 ceramic with stable characteristics.
* **101**: Capacitance value. The first two digits (10) are the value, and the third (1) is the multiplier ($10 \times 10^1 = 100$ pF).
* **K**: Tolerance ($\pm 10\%$).
* **A**: Lead shape/style (usually implies a specific kink or straight lead).
* **V**: Packaging type (Bulk).
* **RA**: RoHS compliance and internal manufacturing code.
---
### 3. Application Use Cases
This specific capacitor is commonly found in the following circuits:
1. **Snubber Circuits:** Used in switching power supplies to absorb voltage spikes and protect semiconductors.
2. **Horizontal Resonance:** Often used in CRT displays or specialized monitor circuits.
3. **High Voltage Filtering:** Used to smooth out DC voltage in high-potential power lines.
4. **Lightning Surge Protection:** Acts as a buffer against transient surges in power equipment.
---
### 4. Physical Dimensions (Typical)
* **Diameter (D):** ~6.0 mm max.
* **Thickness (T):** ~5.0 mm max.
* **Lead Diameter (d):** 0.6 mm.
---
### 5. Storage and Handling
* **Moisture Sensitivity:** Ceramic capacitors are generally robust, but the leads should be protected from oxidation.
* **Soldering:** Should be soldered using standard wave or manual soldering techniques, ensuring that the body of the capacitor does not exceed the maximum temperature threshold to avoid cracking the ceramic dielectric.
- ⤷What is the difference between R and Y5P temperature characteristics in TDK capacitors?
- ⤷ Can this capacitor be used in AC line filtering applications?
- ⤷ What are the common failure modes for high-voltage ceramic disc capacitors?