CK45-R3AD102KAVRA
AI

The **CK45-R3AD102KAVRA** is a specific high-voltage ceramic disc capacitor manufactured by **TDK Corporation**. This component is designed for power supply circuits, noise suppression, and high-voltage decoupling.
---
### 1. Component Specification Breakdown
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Code Segment | Property | Description |
| :--- | :--- | :--- |
| **CK45** | Series Type | TDK High Voltage Ceramic Disc (Commercial Grade) |
| **R3AD** | Voltage Rating | **1kV DC** (1000 Volts) |
| **102** | Capacitance Value | **1,000 pF** (1nF) - (10 followed by 2 zeros) |
| **K** | Tolerance | **±10%** |
| **A** | Lead Shape | Vertical Kink (Long Lead) |
| **V** | Packaging | Taped (Radial Taping) |
| **RA** | Compliance | RoHS Compliant |
---
### 2. Technical Specifications
Below are the primary operating parameters for this device:
* **Capacitance:** 1000 pF (1 nF)
* **Rated Voltage:** 1000V DC
* **Temperature Characteristic:** R (Low dissipation factor, stable under high voltage)
* **Operating Temperature Range:** -25°C to +125°C
* **Dissipation Factor (tan δ):** 0.2% maximum
* **Insulation Resistance:** 10,000 MΩ minimum
---
### 3. Key Features & Applications
#### Features
* **High Reliability:** Designed to withstand high-voltage stresses over long periods.
* **Low Loss:** Low dissipation factor ensures minimal heat generation during operation.
* **Flame Retardant:** Encapsulated in a flame-retardant epoxy resin (UL94V-0 compliant).
#### Common Applications
1. **Switching Power Supplies:** Used for snubber circuits to protect against voltage spikes.
2. **Monitor/TV Displays:** High-voltage horizontal resonance circuits.
3. **Inverters:** Noise filtering in DC-DC converters.
4. **Ballasts:** Used in lighting electronic ballasts.
---
### 4. Schematic Representation
In a circuit diagram, this component is represented as a non-polarized capacitor:
```text
C1
----|(----
1000pF
1kV
```
- ⤷
What is the difference between the CK45 series and the CC45 series from TDK?
- ⤷ Can this capacitor be used in AC line filtering applications?
- ⤷ What are the physical dimensions (diameter and lead spacing) for this specific part?