CK45-R3AD221KAVRA
AI

## Analysis of Electronic Component: CK45-R3AD221KAVRA
The **CK45-R3AD221KAVRA** is a high-voltage ceramic disc capacitor manufactured by **TDK Corporation**. It is specifically designed for high-reliability applications, often found in power supplies and electronic ballast circuits.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of the component:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CK45** | Series Name | High Voltage Ceramic Disc (Commercial Grade) |
| **R3AD** | Voltage Rating | 1kV DC (1000V) |
| **221** | Capacitance Value | 220 pF (22 x 10^1) |
| **K** | Capacitance Tolerance | ±10% |
| **A** | Lead Type | Vertical Kink (Long Lead) |
| **V** | Packing Style | Bulk / Ammo Pack (depending on secondary suffix) |
| **RA** | Halogen-Free | Compliance with environmental standards |
---
### 2. Technical Specifications
The following table summarizes the primary electrical and physical parameters:
| Parameter | Value |
| :--- | :--- |
| **Capacitance** | 220 pF |
| **Rated Voltage** | 1,000 V DC (1kV) |
| **Temperature Characteristic** | R (Low dissipation factor, stable characteristics) |
| **Operating Temperature Range** | -25°C to +125°C |
| **Dissipation Factor (tan δ)** | 0.2% Max |
| **Insulation Resistance** | 10,000 MΩ Minimum |
| **Mounting Type** | Through-Hole |
---
### 3. Key Applications
Due to its high voltage rating and compact disc design, this part is commonly used in:
* **Power Supplies:** Used for snubber circuits and noise suppression.
* **Lighting:** Electronic ballasts for fluorescent or LED lighting.
* **Inverters:** High-frequency switching power conversion.
* **TV/Monitors:** Horizontal resonance circuits in older CRT units or power stages in modern displays.
---
### 4. Features
1. **High Reliability:** Designed to withstand high voltage stress over long periods.
2. **Flame Retardant:** The exterior coating is usually made of flame-retardant epoxy resin (UL94V-0 compliant).
3. **Low Loss:** The "R" temperature characteristic ensures minimal energy loss during operation.
- ⤷
What are the equivalent alternative parts for the CK45-R3AD221KAVRA from other manufacturers like Murata?
- ⤷ Can this capacitor be used in AC line filtering (X/Y safety class)?
- ⤷ How does the 'R' temperature characteristic compare to 'B' or 'E' types in ceramic capacitors?