AI

The **CL-300-RSC-J-2** is a specialized precision linear motor component, typically manufactured by **PBA Systems**. It belongs to a series of circular/curved linear motor modules used in high-end automation, robotics, and semiconductor manufacturing.
Below is a breakdown of its electronic and electromechanical specifications.
---
## 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Motor Type** | Circular/Curved Ironless Linear Motor |
| **Model Series** | CL (Circular Linear) |
| **Coil Type** | RSC (Round Stationary Coil / Curved) |
| **Winding Type** | J (Specific winding impedance/current rating) |
| **Thermal Protection** | Integrated Thermistor (PTC or NTC) |
| **Feedback System** | Analog or Digital Encoder (Dependent on assembly) |
---
## 2. Key Electronic Components
### A. The Motor Coil (Primary Part)
The "CL" series utilizes an **ironless** design.
* **Zero Cogging:** Because there is no iron core, there are no attractive forces between the coil and the magnets when the power is off, and no "rippling" effect during movement.
* **Low Inductance:** This allows for extremely high acceleration and fast response times to current changes from the servo drive.
### B. Winding Configuration ("J" Designation)
The "J" suffix typically refers to the **winding pattern**.
* It dictates the **Back EMF constant ($K_e$)** and the **Force constant ($K_f$)**.
* This specific winding is designed to match standard industrial bus voltages (e.g., 230VAC or 400VAC) and specific peak current requirements.
### C. Sensors and Protection
1. **Hall Effect Sensors:** Usually integrated to detect the magnetic field position for commutation (alignment of the current phases with the magnets).
2. **Thermal Sensors:** An internal sensor monitors the coil temperature. If the duty cycle is too high, it sends a signal to the controller to shut down the system before the insulation melts.
---
## 3. Electronic Integration Requirements
To operate the CL-300-RSC-J-2, the following electronic infrastructure is required:
### Servo Drive Requirements
* **Commutation:** Must support Sinusoidal commutation.
* **Current Loop:** High-bandwidth current control is necessary to take advantage of the ironless motor's low inductance.
* **Feedback:** Requires a linear or rotary encoder interface (usually BiSS-C, Renishaw, or 1Vpp Sin/Cos).
### Connection Pinout (Typical)
| Pin Group | Function |
| :--- | :--- |
| **Phase U, V, W** | High voltage power supply to the coils. |
| **PE** | Protective Earth / Ground. |
| **Temp S** | Temperature sensor leads. |
| **Hall / Vcc / Gnd** | Power and signals for commutation sensors. |
---
## 4. Application Context
The "RSC" (Round) configuration indicates this is likely used in a **Circular Motor Gantry** or a **Pick-and-Place rotary table** where high precision and high speeds are required without the mechanical backlash of traditional gearboxes or belts.
---
- ⤷
What are the specific power requirements (Voltage/Current) for the 'J' winding type?
- ⤷ How do I calibrate the Hall sensors for this specific linear motor?
- ⤷ What type of servo drive is recommended for PBA Systems CL series motors?