CM201212-R10K
AI

### Overview of CM201212-R10K
The **CM201212-R10K** is a surface-mount (SMD) chip inductor typically used in high-frequency circuits. It belongs to the wire-wound or multilayer ferrite chip inductor family, designed for compact electronic assemblies.
---
### Technical Specifications
The alphanumeric code "CM201212-R10K" provides specific details about its physical and electrical characteristics:
| Parameter | Value / Description |
|:---|:---|
| **Inductance** | 0.10 µH (100 nH) |
| **Tolerance** | ±10% (Indicated by the "K" suffix) |
| **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Package Size (Imperial)** | 0805 (0.08" x 0.05") |
| **Height** | 1.25 mm |
| **Core Material** | Ferrite or Ceramic (depending on specific manufacturer) |
---
### Key Electrical Characteristics
Beyond the basic inductance, these parts are defined by their performance under load:
* **Self-Resonant Frequency (SRF):** Usually very high, allowing the component to maintain inductive properties into the MHz or GHz range.
* **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation.
* **Rated Current:** The maximum current the part can handle before the temperature rises significantly or the core saturates.
---
### Applications
This specific component is commonly found in:
1. **RF Circuits:** Used for impedance matching and resonance.
2. **Filtering:** Acting as a low-pass filter to block high-frequency noise in power lines.
3. **Signal Decoupling:** Preventing high-frequency interference from affecting sensitive integrated circuits (ICs).
4. **Mobile Electronics:** Found in smartphones, tablets, and wearables due to the small 0805 footprint.
---
### Code Breakdown
```text
CM 201212 - R10 K
| | | |
| | | +-- Tolerance (K = ±10%)
| | +------ Inductance (R10 = 0.10µH)
| +--------------- Dimensions (2.0 x 1.2 x 1.2 mm)
+--------------------- Series Code (Chip Multilayer/Inductor)
```
- ⤷
What is the maximum rated current for the CM201212-R10K?
- ⤷ How does the 'K' tolerance compare to 'J' or 'M' tolerances in inductors?
- ⤷ Can this inductor be used in power supply decoupling for high-speed processors?