CM201212-R15K
AI

The **CM201212-R15K** is a surface-mount (SMD) multi-layer ceramic chip inductor. It is commonly used in high-frequency circuits for signal filtering and impedance matching.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical constraints of the component:
| Segment | Meaning | Value / Description |
| :--- | :--- | :--- |
| **CM** | Series Type | Multi-layer Chip Inductor |
| **201212** | Dimensions (LxWxH) | 2.0mm x 1.25mm x 1.25mm (Metric 2012 / EIA 0805) |
| **R15** | Inductance Value | 0.15 µH (150 nH) |
| **K** | Tolerance | ±10% |
---
## 2. Technical Specifications
These values are typical for standard manufacturers (like Bourns or TDK) producing this part number:
* **Inductance:** 0.15 µH (150 nH)
* **Tolerance:** ±10%
* **Quality Factor (Q):** Typically 10–30 (measured at a specific frequency, e.g., 25 MHz).
* **Self-Resonant Frequency (SRF):** Minimum ~500 MHz (The frequency at which the part stops acting as an inductor).
* **DC Resistance (DCR):** Low, typically around 0.40 – 0.60 Ω (Max).
* **Rated Current:** ~300 mA (The maximum DC current the inductor can handle without overheating).
* **Operating Temperature:** -55°C to +125°C.
---
## 3. Physical Construction
The **CM201212** utilizes a multi-layer technology rather than a wire-wound design:
* **Material:** Ceramic/Ferrite body with internal silver (Ag) printed electrodes.
* **Terminations:** Typically Nickel (Ni) barrier with a Tin (Sn) plating to ensure good solderability and prevent silver migration.
* **Packaging:** 0805 Surface Mount Device (SMD).
---
## 4. Typical Applications
This specific inductor is generally found in:
1. **High-Frequency Signal Lines:** Used for noise suppression and EMI filtering.
2. **Impedance Matching:** Crucial in RF circuits (Bluetooth, Wi-Fi modules) to ensure maximum power transfer.
3. **Decoupling:** Used in power supply lines for sensitive ICs to block high-frequency noise.
---
## 5. Equivalent/Alternative Comparison
If you are sourcing this part, ensure the DCR and SRF match your specific circuit requirements, as these can vary slightly between manufacturers.
```python
# Example: Calculating Reactance at 50MHz
import math
inductance = 0.15e-6 # 150nH
frequency = 50e6 # 50MHz
reactance = 2 * math.pi * frequency * inductance
print(f"Inductive Reactance (XL): {round(reactance, 2)} Ohms")
# Output: XL ≈ 47.12 Ohms
```
---
- ⤷
What is the difference between multi-layer and wire-wound inductors for the 0805 footprint?
- ⤷ How does the SRF (Self-Resonant Frequency) impact my circuit design?
- ⤷ Can I substitute a 150nH inductor with a ±5% (J) tolerance for this ±10% (K) part?