AI

The **CM322522-R12ML** is a specific surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for filtering, decoupling, and impedance matching.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CM** | Series | Wire-wound chip inductor series |
| **322522** | Dimensions | Metric size: 3.2mm x 2.5mm x 2.2mm (EIA 1210) |
| **R12** | Inductance | **0.12 µH** (R denotes the decimal point) |
| **M** | Tolerance | **±20%** |
| **L** | Termination | Lead-free / RoHS compliant |
---
### 2. Technical Specifications
Below are the typical electrical parameters for this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.12 µH |
| **Quality Factor (Q min)** | 30 |
| **Test Frequency** | 25.2 MHz |
| **Self-Resonant Frequency (SRF)** | 500 MHz (Minimum) |
| **DC Resistance (DCR max)** | 0.22 Ω |
| **Rated Current (Idc)** | 450 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Key Features and Construction
* **Wire-Wound Structure:** Unlike multilayer inductors, these use a copper wire wound around a ferrite or ceramic core, providing higher Q factors and higher current handling capabilities.
* **Molded Resin Case:** The "322522" housing is typically a molded thermosetting resin which provides excellent mechanical strength and resistance to humidity.
* **Size (EIA 1210):** The 1210 footprint is a standard size, making it compatible with most automated pick-and-place assembly machines.
### 4. Common Applications
Due to its high resonant frequency and stable inductance, it is frequently found in:
1. **Telecommunications:** Cell phones, base stations, and GPS modules.
2. **Consumer Electronics:** Video cameras, televisions, and portable audio players.
3. **Power Management:** Small DC-DC converters where space is limited but efficiency is required.
---
### 5. Equivalent/Alternative Parts
If this specific part is unavailable, engineers often look for the following series from other manufacturers:
* **Bourns:** CM322522 series (Direct)
* **TDK:** NLV32 series
* **Murata:** LQH32 series
---
- ⤷What is the difference between a wire-wound and a multilayer inductor?
- ⤷ How does the 'Q factor' affect the performance of this inductor in a circuit?
- ⤷ Can I substitute a 10% tolerance (K) part for this 20% (M) part?