CM322522-R18M
AI

The **CM322522-R18M** is a high-frequency chip inductor commonly used in surface-mount technology (SMT) applications. Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The part number follows a standardized naming convention that describes its physical size and electrical properties.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.18 µH | Rated at 25.2 MHz |
| **Tolerance** | ±20% | Indicated by the "M" suffix |
| **Case Size** | 3225 (Metric) / 1210 (EIA) | 3.2mm x 2.5mm |
| **Core Material** | Ferrite / Wire-wound | Provides high Q-factor and stability |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly |
---
### 2. Electrical Performance
Inductors in this category are designed for high-frequency stability and power efficiency in small circuits.
* **Rated Current ($I_{dc}$):** Typically around **450 mA**. This is the maximum continuous current the inductor can handle without overheating or saturating the core.
* **DC Resistance (DCR):** Usually around **0.40 $\Omega$ (Max)**. Lower DCR is preferred to minimize power loss as heat.
* **Self-Resonant Frequency (SRF):** Approximately **550 MHz**. Above this frequency, the component acts more like a capacitor than an inductor.
* **Q-Factor:** Generally has a minimum value of **30** at the test frequency, indicating high efficiency and low energy loss.
---
### 3. Part Number Decoding
Understanding the nomenclature helps in identifying substitutes or similar parts:
| Code Segment | Meaning |
| :--- | :--- |
| **CM** | Series Prefix (Commonly Bourns or similar manufacturers) |
| **322522** | Dimensions (3.2mm length x 2.5mm width x 2.2mm height) |
| **R18** | Inductance value: 0.18 microhenries (µH) |
| **M** | Tolerance code (M = ±20%, K = ±10%, J = ±5%) |
---
### 4. Common Applications
* **RF Circuits:** Used in impedance matching and signal filtering.
* **Communication Equipment:** Found in mobile phones, GPS modules, and Wi-Fi routers.
* **Power Management:** Utilized in small DC-DC converters for decoupling and noise suppression.
- ⤷
What are the recommended soldering profiles for the 3225 case size?
- ⤷ Can I replace a ±20% tolerance (M) inductor with a ±10% (K) version?
- ⤷ What happens to the inductance if the rated current is exceeded?