CM322522-R33ML
AI

## Component Overview: CM322522-R33ML
The **CM322522-R33ML** is a high-frequency **Surface Mount Device (SMD) Wire-wound Chip Inductor**. It belongs to a standardized family of chip inductors widely used in telecommunications and consumer electronics for signal filtering and impedance matching.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CM** | Series Type | Chip Wire-wound Inductor |
| **322522** | Dimensions | 3.2mm x 2.5mm x 2.2mm (EIA 1210 Case Size) |
| **R33** | Inductance Value | 0.33 µH (R denotes decimal point) |
| **M** | Tolerance | ±20% |
| **L** | Packaging/Finish | Lead-free (RoHS Compliant) / Tape & Reel |
---
### 2. Key Electrical Specifications
Based on standard manufacturer datasheets (such as Bourns or ABC Taiwan):
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% |
| **Q-Factor (Min)** | 30 (at 25.2 MHz) |
| **Self-Resonant Frequency (SRF)** | ~450 MHz (Minimum) |
| **DC Resistance (DCR)** | ~0.55 Ω (Maximum) |
| **Rated Current (I-dc)** | ~450 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Construction and Materials
The device is built using **Wire-wound technology**, which offers several advantages over multilayer chip inductors:
* **Core Material:** Usually Ferrite or Alumina (Ceramic) depending on the specific frequency requirements.
* **Windings:** Copper wire wound around the core, providing high Q-factors and lower DCR.
* **Encapsulation:** Coated in Epoxy resin for environmental protection and mechanical stability during pick-and-place assembly.
---
### 4. Common Applications
Due to its 1210 footprint and 0.33µH value, it is commonly found in:
1. **RF Circuits:** Used in impedance matching and resonance circuits for wireless modules.
2. **Power Management:** Low-current DC-DC converter output filtering.
3. **Signal Lines:** High-frequency noise suppression (EMI filtering) in communication equipment like routers and mobile phones.
4. **Audio/Video:** Decoupling and filtering in consumer AV hardware.
---
- ⤷What is the difference between a wire-wound inductor and a multilayer inductor in this size?
- ⤷ How does the self-resonant frequency affect its performance in high-frequency circuits?
- ⤷ Can this inductor be substituted with a 1210 ferrite bead for noise suppression?