Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CM453232-R12KL

  • AI
    The **CM453232-R12KL** is a high-performance surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF circuits, signal processing, and decoupling applications where high stability and precision are required. ### Technical Specification Overview Below is the detailed technical breakdown of the component based on its part number and manufacturer standards (typically Bourns or equivalent). | Parameter | Specification | Notes | | :--- | :--- | :--- | | **Inductance** | 0.12 µH | Fixed Inductor | | **Tolerance** | ±10% | Denoted by the "K" in the part number | | **Package Size** | 1812 (Metric 4532) | 4.5mm x 3.2mm footprint | | **DC Resistance (DCR)** | ~0.22 Ω (Max) | Affects power efficiency | | **Rated Current (Idc)** | ~450 mA | Maximum continuous current | | **Self-Resonant Freq (SRF)** | > 500 MHz | Frequency limit of inductive behavior | | **Core Material** | Ferrite / Wire-wound | Provides high Q factor | --- ### Part Number Breakdown The nomenclature follows a standardized format for industrial inductors: * **CM**: Chip Molded (Refers to the construction type). * **453232**: Physical dimensions (Length 4.5mm, Width 3.2mm, Height 3.2mm). * **R12**: Inductance value (R acts as a decimal point, 0.12 µH). * **K**: Tolerance code (K = ±10%; J = ±5%; M = ±20%). * **L**: Lead-free / RoHS compliant finish. --- ### Key Applications 1. **RF Circuits:** Used in impedance matching and resonance circuits due to its high self-resonant frequency. 2. **Signal Filtering:** Effective in Low-pass, High-pass, and Band-pass filter networks for telecommunications. 3. **Power Decoupling:** Used to suppress high-frequency noise on power supply lines for sensitive ICs. 4. **Automotive & Industrial:** Its molded construction offers physical protection against vibration and moisture. ### Physical Footprint (1812 / 4532) ```text 4.5 mm +-----------------+ | | | (Top) | 3.2 mm | | +-----------------+ 3.2 mm (Height) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ferrite core and a ceramic core inductor?
    • ⤷ Can this inductor be used in high-frequency switching power supplies?
    • ⤷ What is the significance of the Q factor for the CM453232 series?