CM453232-R22KL
AI

The **CM453232-R22KL** is a Surface Mount (SMD) Wirewound Chip Inductor, commonly used in high-frequency signal processing and power management circuits. This specific part number follows the standard nomenclature used by manufacturers like **Bourns**.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code reveals the component's exact specifications:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CM** | Series Type | Chip Inductor (Wirewound) |
| **453232** | Case Size (Metric) | 4.5mm x 3.2mm x 3.2mm (1812 Imperial) |
| **R22** | Inductance Value | 0.22 µH (Microhenries) |
| **K** | Tolerance | ±10% |
| **L** | Termination | Lead-free (RoHS Compliant) |
---
### 2. Technical Specifications
Below are the typical electrical characteristics for this specific model:
* **Inductance:** 0.22 µH
* **Tolerance:** ±10%
* **Quality Factor (Q):** Minimum 28 (at 25.2 MHz)
* **Self-Resonant Frequency (SRF):** ~450 MHz
* **DC Resistance (DCR):** ~0.40 Ohms (Max)
* **Rated Current (Idc):** ~450 mA
* **Operating Temperature:** -40°C to +125°C
---
### 3. Key Physical Features
* **Construction:** It consists of a copper wire wound around a ferrite core. This wirewound construction allows for higher Q factors and higher current-carrying capabilities compared to multilayer inductors.
* **Encapsulation:** Usually coated in an epoxy resin or molded plastic for environmental protection and mechanical strength during pick-and-place assembly.
* **Footprint:** The 1812 (Imperial) size makes it large enough for high-reliability applications while remaining compatible with automated SMD soldering.
---
### 4. Common Applications
Due to its high resonance and stability, the CM453232-R22KL is frequently found in:
1. **RF Circuits:** Used for impedance matching and signal filtering in communication devices.
2. **EMI Suppression:** Filtering high-frequency noise in power supply lines.
3. **Consumer Electronics:** Video cameras, portable medical devices, and automotive infotainment systems.
4. **Decoupling:** Preventing noise from one circuit part from affecting another.
---
- ⤷
What are the main differences between wirewound and multilayer chip inductors?
- ⤷ How does the Q factor affect the performance of this inductor in an RF circuit?
- ⤷ Are there specific soldering temperature profiles recommended for the 1812 package size?