Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CM453232-R56KL

  • AI
    The **CM453232-R56KL** is a specific surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF circuits, telecommunications, and high-frequency filtering applications. --- ### 1. Part Number Breakdown To understand the electronic characteristics, we can decode the manufacturer part number (typically associated with Bourns or similar generic standards): | Component Segment | Meaning | Detail | | :--- | :--- | :--- | | **CM** | Series Type | Chip Inductor (Wire-wound) | | **453232** | Case Size (Metric) | 4.5mm x 3.2mm x 3.2mm (EIA 1812) | | **R56** | Inductance Value | **0.56 µH** (R denotes decimal point) | | **K** | Tolerance | **±10%** | | **L** | Packaging/Finish | Lead-free / RoHS compliant | --- ### 2. Key Technical Specifications Based on standard datasheets for the 1812 (4532) series wire-wound inductors: * **Inductance:** 0.56 µH * **Tolerance:** ±10% * **Self-Resonant Frequency (SRF):** Typically > 250 MHz (ensures stability at high frequencies). * **DC Resistance (DCR):** Low resistance (usually < 0.25 Ω) to minimize power loss. * **Rated Current (I-sat):** Generally handles between 400mA to 650mA depending on the specific brand's thermal rating. * **Operating Temperature:** Typically ranges from -40°C to +125°C. --- ### 3. Construction and Material This part is a **Wire-wound Inductor**. Unlike multilayer inductors, the wire-wound construction offers: 1. **Higher Q-Factor:** Better efficiency in resonant circuits. 2. **Higher Current Handling:** Can carry more current relative to its size compared to thin-film alternatives. 3. **Low DCR:** The physical copper winding reduces energy dissipated as heat. --- ### 4. Common Applications Due to its 0.56 µH value and 1812 form factor, it is frequently used in: * **RF Tuning:** Part of LC circuits for frequency selection. * **EMI Filtering:** Used in power lines or signal lines to block high-frequency noise. * **Decoupling:** Preventing high-frequency noise from interfering with sensitive ICs. * **Mobile Communication:** Base stations and handheld transceivers.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this wire-wound inductor and a multilayer inductor?
    • ⤷ How does the 'Q factor' impact the performance of the CM453232-R56KL in RF circuits?
    • ⤷ What are the recommended soldering profiles for 1812 size SMD components?