CM453232-R56M
AI

## Overview of the CM453232-R56M Inductor
The **CM453232-R56M** is a surface-mount device (SMD) power inductor commonly used in consumer electronics, telecommunications, and industrial power management circuits. It belongs to the wire-wound chip inductor category, designed for high reliability and efficiency in small form factors.
---
### 1. Part Number Deciphering
Understanding the part number is crucial for identifying its technical specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CM** | Series Type | Chip Molded Inductor |
| **453232** | Case Size (Metric) | 4.5mm x 3.2mm x 3.2mm (approx. 1812 EIA) |
| **R56** | Inductance Value | 0.56 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Key Technical Specifications
Based on standard datasheets for this component (typically manufactured by Bourns or similar vendors):
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **Tolerance** | ±20% |
| **Self-Resonant Frequency (Min)** | ~350 MHz |
| **DC Resistance (Max)** | ~0.19 Ω |
| **Rated Current (Idc)** | ~450 mA |
| **Operating Temperature** | -40°C to +125°C |
| **Material** | Ferrite Core / Wire-wound |
---
### 3. Structural Features
The component is built using a **Wire-wound** construction method:
* **Core Material:** Ferrite, which provides high magnetic permeability and efficient energy storage.
* **Encapsulation:** It is usually "molded" or epoxy-coated, which offers excellent mechanical strength and environmental protection against moisture and vibration.
* **Terminations:** Solder-plated electrodes designed for reflow soldering processes.
---
### 4. Common Applications
Due to its 0.56 µH inductance and current rating, it is typically used in the following scenarios:
1. **DC-DC Converters:** Acts as an energy storage element in low-power buck or boost converters.
2. **Signal Filtering:** Used in EMI/RFI filtering to suppress high-frequency noise in communication lines.
3. **Decoupling:** Prevents high-frequency noise from traveling between different sections of a PCB.
4. **RF Circuits:** Due to its high self-resonant frequency (SRF), it can be used in RF matching and tuning circuits.
---
### 5. Equivalent Footprint
If you are designing a PCB, the 453232 metric size corresponds to the **1812 (Imperial)** package. This is a relatively large SMD size compared to modern 0402 or 0603 components, allowing it to handle higher currents and provide higher Q-factors.
- ⤷
What are the main differences between a wire-wound inductor and a multilayer inductor?
- ⤷ How does the SRF (Self-Resonant Frequency) affect the performance of this part?
- ⤷ Can I substitute an 1812 size inductor with a 1210 size if the inductance is the same?