CMF-RLC50-10-0
AI

### CMF-RLC50-10-0 Technical Overview
The **CMF-RLC50-10-0** is a specific precision resistor component, typically part of a series designed for high stability and reliability. Below are the electronic specifications and characteristics associated with this part number.
---
### 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Precision Metal Film Resistor |
| **Resistance Value** | 50 Ohms ($\Omega$) |
| **Tolerance** | $\pm 10\%$ (Standard) |
| **Power Rating** | 1 Watt (Standard for CMF-RL series) |
| **Temperature Coefficient** | $\pm 100$ ppm/°C (Typical) |
| **Operating Temperature** | -55°C to +175°C |
---
### 2. Component Composition
* **Resistive Element:** A thin metal film is deposited onto a high-grade ceramic rod. This provides better stability and lower noise than carbon composition resistors.
* **Coating:** Usually protected by a flame-retardant epoxy or silicone coating to ensure environmental durability.
* **Termination:** Tinned copper leads, suitable for through-hole soldering on PCBs (Printed Circuit Boards).
### 3. Applications and Use Cases
The CMF-RLC50-10-0 is designed for applications where power dissipation and reliability are prioritized:
1. **Current Limiting:** Used to protect sensitive components from overcurrent conditions.
2. **Voltage Dividers:** Employed in power supply circuits to step down voltages.
3. **Industrial Controls:** Ideal for harsh environments due to its wide operating temperature range.
4. **Audio Equipment:** Metal film resistors are preferred in audio paths for their low thermal noise characteristics.
---
### 4. Part Number Decoding
The part number can generally be broken down as follows:
* **CMF:** Series designation (Metal Film).
* **RLC:** Specific package or power handling variant.
* **50:** The base resistance value ($50\Omega$).
* **10:** The tolerance percentage ($\pm 10\%$).
* **0:** Often refers to a lead-free (RoHS compliant) status or specific packaging type (e.g., bulk).
- ⤷
What is the maximum voltage rating for the CMF-RLC series?
- ⤷ How does a metal film resistor compare to a carbon film resistor in terms of noise?
- ⤷ Are there surface-mount (SMD) equivalents for this through-hole part?