Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CMK-R020-1.0

  • AI
    The **CMK-R020-1.0** is a specialized electronic component, specifically a **Surface Mount (SMD) Current Sense Resistor**. These components are designed to measure current flow within a circuit by providing a precise, low-resistance path that creates a measurable voltage drop. --- ### 1. Technical Specifications Based on the part number nomenclature (typically associated with manufacturers like Cyntec or similar precision resistor producers), here are the technical specifications: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 20 mΩ (0.020 Ohms) | | **Tolerance** | ±1.0% | | **Power Rating** | Typically 1W to 2W (Size dependent) | | **Construction** | Metal Plate / Alloy | | **Package Size** | 1206 or 2512 (Commonly used in the CMK series) | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a specific logic: * **CMK**: Indicates the series (usually high-power, metal alloy low-resistance chips). * **R020**: Represents the resistance value. The "R" acts as a decimal point. **R020 = 0.020 Ω**. * **1.0**: Represents the tolerance level. In this case, it is **1.0%**. --- ### 3. Key Features * **Metal Alloy Technology**: Unlike standard thick-film resistors, these use a solid metal alloy element. This provides superior thermal stability and higher power handling. * **Low TCR**: They feature a low **Temperature Coefficient of Resistance**, meaning the resistance value stays stable even as the component heats up. * **Low Inductance**: The flat, metal construction minimizes parasitic inductance, making it suitable for high-frequency switching applications. --- ### 4. Common Applications These parts are critical in power management and battery-operated devices: 1. **Battery Management Systems (BMS)**: Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters**: Providing feedback for current-mode control loops. 3. **Motor Controllers**: Detecting over-current conditions to protect the motor and circuitry. 4. **Power Supplies**: Used in the output stage to regulate current delivery. --- ### 5. Implementation Example To calculate the voltage drop across this resistor at a specific current, use Ohm's Law ($V = I \times R$): ```python # Calculation of Voltage Drop across CMK-R020-1.0 resistance = 0.020 # 20 mOhms current = 5.0 # 5 Amps voltage_drop = current * resistance print(f"Voltage Drop: {voltage_drop} Volts (or {voltage_drop * 1000} mV)") # Output: Voltage Drop: 0.1 Volts (or 100.0 mV) ```
    ✨ Follow-up Questions
    • ⤷What are the standard package sizes for the CMK series?
    • ⤷ How does the power rating affect the heat dissipation of this resistor?
    • ⤷ What are the alternatives to metal alloy resistors for current sensing?