Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CMS1-11-R

  • AI
    The **CMS1-11-R** is a specific high-performance common mode choke manufactured by **Eaton (formerly Coiltronics)**. It is part of the CMS series, designed primarily for noise suppression in power electronics and signal lines. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the CMS1-11-R: | Parameter | Specification | | :--- | :--- | | **Inductance** | 215 µH (Minimum) | | **Current Rating ($I_{rms}$)** | 1.1 Amperes | | **DCR (Direct Current Resistance)** | 0.160 Ohms (Max per winding) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -40°C to +160°C | | **Dimensions** | ~ 9.4mm x 7.2mm x 5.1mm | --- ### 2. Core Functional Components The CMS1-11-R is composed of three main internal "electronic parts" or elements: 1. **Toroidal Core:** Uses a high-permeability ferrite material. The toroidal (ring) shape is highly efficient at containing magnetic flux, which minimizes Electromagnetic Interference (EMI) with neighboring components. 2. **Dual Windings:** It consists of two identical copper wire coils wound around the same core. These are "coupled" inductors. 3. **LCP Base/Header:** The component is mounted on a Liquid Crystal Polymer (LCP) base, which provides high-temperature resistance during the reflow soldering process. --- ### 3. How it Works (Electronic Principle) The CMS1-11-R acts as a **Common Mode Choke**: * **Common Mode Noise:** When noise signals travel in the *same direction* on both lines, the magnetic fields from the two windings add together, creating high impedance and "choking" the noise. * **Differential Signal:** When the desired current travels in *opposite directions* (out and back), the magnetic fields cancel each other out, allowing the signal to pass with minimal resistance. ### 4. Common Applications * **Switch-Mode Power Supplies (SMPS):** Filtering out high-frequency switching noise. * **DC-DC Converters:** Reducing ripple and EMI on input/output lines. * **Data Lines:** Protecting sensitive signal paths from external interference. * **Industrial Electronics:** Ensuring electromagnetic compatibility (EMC) in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the CMS1-11-R and the CMS2 series?
    • ⤷ How does the 'R' suffix affect the RoHS compliance of this part?
    • ⤷ What are the recommended PCB footprint dimensions for this component?