CMT3-6-R
AI

The **CMT3-6-R** is a high-performance, surface-mount common mode choke designed primarily for EMI (Electromagnetic Interference) filtering in power and signal lines. It is manufactured by **Coiltronics (now part of Eaton)**.
---
## 1. Technical Specifications
The following table highlights the core electronic characteristics of the CMT3-6-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Typical)** | 1.3 mH |
| **Rated Current (Irms)** | 3.2 Amps |
| **DCR (Direct Current Resistance)** | 62 mΩ (max) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | Size 3 (Approx. 19.5mm x 16.5mm) |
---
## 2. Key Electronic Features
* **Common Mode Noise Suppression:** It is specifically designed to filter out noise that is common to both lines (phase and neutral/positive and negative) while allowing the desired signal to pass.
* **Toroidal Core Construction:** Uses a ferrite toroid core which provides high efficiency, low magnetic radiation, and high saturation current.
* **Dual Winding:** It features two balanced windings on a single core. The magnetic fields generated by the differential current cancel out, while the magnetic fields from common-mode noise add up, creating high impedance against interference.
* **High Current Density:** Despite its compact SMD footprint, it can handle a continuous current of up to 3.2A.
---
## 3. Applications
The CMT3-6-R is commonly integrated into the following circuits:
1. **Switch Mode Power Supplies (SMPS):** To prevent high-frequency switching noise from feeding back into the power grid.
2. **DC-DC Converters:** Filtering input and output stages to meet EMC compliance.
3. **Industrial Electronics:** Protecting sensitive control logic from line noise.
4. **Solar Inverters:** Managing common mode currents in high-efficiency energy systems.
---
## 4. Typical Connection Diagram
In a standard circuit, the CMT3-6-R is placed between the power source and the load:
```text
Line In (+) ----(Winding 1)---- Line Out (+)
) (
) ( <-- Magnetic Coupling
) (
Line In (-) ----(Winding 2)---- Line Out (-)
```
- ⤷
What is the difference between CMT3-6-R and CMT4 series chokes?
- ⤷ How do I calculate the impedance at a specific frequency for this part?
- ⤷ Are there through-hole equivalents for the CMT3 series?