Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CONREVSMA011-R58

  • AI
    ## Technical Overview of CONREVSMA011-R58 The **CONREVSMA011-R58** is a specialized RF (Radio Frequency) connector manufactured by **Linx Technologies** (now part of TE Connectivity). It is designed for high-performance wireless applications where space and durability are critical. --- ### 1. Key Specifications The following table outlines the primary electrical and mechanical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Connector Type** | RP-SMA (Reverse Polarity SMA) | | **Gender** | Female Jack (Male Pin center) | | **Mounting Type** | Surface Mount (SMT), Right Angle | | **Impedance** | 50 Ohms | | **Frequency Range** | 0 to 6 GHz | | **Termination** | Solder | | **Body Material** | Brass (Gold or Nickel Plated) | --- ### 2. Physical Construction The connector is engineered to be mounted directly onto a Printed Circuit Board (PCB). Its "Right Angle" orientation means the antenna or cable will be parallel to the board when connected. * **Reverse Polarity (RP):** Unlike standard SMA connectors, RP-SMA switches the center pin/socket configuration. This is a common regulatory requirement for consumer Wi-Fi equipment to prevent the connection of unauthorized high-gain antennas. * **Surface Mount Design:** It features pads for SMT soldering, allowing for automated assembly lines (Pick-and-Place). * **Dielectric:** Usually utilizes **PTFE (Teflon)** to ensure low signal loss at high frequencies. --- ### 3. Common Applications Due to its 0-6 GHz range, this connector is typically used in the following electronic systems: 1. **Wi-Fi Routers/Access Points:** Standard interface for 2.4GHz and 5GHz antennas. 2. **IoT Gateways:** Used in LoRaWAN, Sigfox, and Zigbee devices. 3. **Bluetooth Modules:** Connecting external antennas to increase range. 4. **Embedded Systems:** Industrial monitoring equipment requiring compact RF interfaces. --- ### 4. Footprint and Soldering When designing a PCB for the CONREVSMA011-R58, engineers must pay close attention to the **coplanarity** of the leads. The center signal pin must be perfectly aligned with the microstrip trace on the PCB to maintain the 50-ohm impedance and minimize Return Loss (VSWR).
    ✨ Follow-up Questions
    • ⤷ What is the difference between SMA and RP-SMA in terms of physical pins?
    • ⤷ How does the Right Angle mounting affect signal integrity compared to straight mounting?
    • ⤷ What are the recommended PCB pad dimensions for this specific Linx connector?