CPL-4-50TR-R
AI

The **CPL-4-50TR-R** is a specific surface-mount electronic component, primarily known as a **Directional Coupler** manufactured by **Eaton** (formerly Cooper Bussmann). It is widely used in high-frequency applications to sample or monitor power signals.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Directional Coupler |
| **Frequency Range** | Up to 1.0 GHz (Commonly used in Sub-GHz RF) |
| **Coupling Value** | 13 dB (Typical) |
| **Insertion Loss** | Low (approx. 0.2 dB to 0.5 dB) |
| **Impedance** | 50 Ohms |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Packaging** | Tape and Reel (TR) |
---
### 2. Functional Description
A directional coupler like the CPL-4-50TR-R is a 4-port passive device used to couple a specific amount of electromagnetic power from one transmission line to another.
* **Main Path:** The signal travels from the Input port to the Output port with minimal loss (Insertion Loss).
* **Coupled Path:** A small fraction of the power (determined by the coupling factor, e.g., 13dB) is diverted to the Coupled port.
* **Isolation:** It ensures that signals traveling in the reverse direction do not reach the coupled port, allowing for "directional" measurement.
---
### 3. Physical & Material Composition
* **Construction:** These are often built using **Inductor-based** technology (wire-wound on a ceramic or ferrite core) rather than microstrip lines to save space on the PCB.
* **Termination:** Lead-free, RoHS compliant construction.
* **Small Footprint:** Designed for high-density circuit boards found in telecommunications.
---
### 4. Common Applications
1. **Power Monitoring:** Measuring the output power of a radio transmitter without interrupting the main signal flow.
2. **SWR Measurement:** Determining the Standing Wave Ratio to check antenna impedance matching.
3. **Signal Sampling:** Taking a small sample of a signal for feedback loops or frequency counters.
4. **Distribution Networks:** Splitting signals in cable TV (CATV) or wireless infrastructure.
---
### 5. Part Number Breakdown
* **CPL:** Coupler series.
* **4:** Designates the number of ports/physical configuration.
* **50:** Typically refers to the characteristic impedance (50 $\Omega$).
* **TR:** Tape and Reel packaging (standard for automated pick-and-place).
* **R:** RoHS compliant.
- ⤷
What is the difference between a directional coupler and a power splitter?
- ⤷ How does the coupling value (dB) affect signal measurement?
- ⤷ What are the typical soldering temperature profiles for the CPL-4-50TR-R?