CPL-6-50TR-R
AI

The **CPL-6-50TR-R** is a high-performance **Directional Coupler** manufactured by Coiltronics (a brand under Eaton/Bussmann). It is primarily designed for high-frequency signal sampling and monitoring in RF (Radio Frequency) and power management circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Coiltronics) |
| **Component Type** | Directional Coupler |
| **Coupling Factor** | 6 dB |
| **Frequency Range** | 10 MHz to 1.5 GHz |
| **Impedance** | 50 $\Omega$ (Nominal) |
| **Package / Case** | Surface Mount (SMD) |
| **Mounting Type** | Tape and Reel (TR) |
---
### 2. Functional Description
A directional coupler like the CPL-6-50TR-R is a passive device used to couple a specific amount of electromagnetic power in a transmission line to a port, enabling the signal to be used in another circuit.
* **Main Path:** The signal travels from the Input port to the Output port with minimal loss (Insertion Loss).
* **Coupled Path:** A small portion of the signal (governed by the 6 dB coupling factor) is diverted to the Coupled port.
* **Isolation:** It prevents signals from traveling in the reverse direction, ensuring that the sampled signal represents only the forward power.
---
### 3. Physical Attributes & Manufacturing
The "R" suffix indicates that the part is **RoHS compliant**, meaning it is free from hazardous substances like lead.
#### Pinout Configuration (Standard for this series):
1. **Input Port:** Where the main RF signal enters.
2. **Output Port:** Where the main RF signal exits.
3. **Coupled Port:** Where the 6 dB sampled signal is accessed.
4. **Terminated/Ground Port:** Used to terminate the internal bridge to maintain 50-ohm impedance.
---
### 4. Common Applications
* **Power Monitoring:** Measuring the output power of a transmitter without interrupting the main signal flow.
* **Antenna VSWR Measurement:** Detecting reflected power to determine if an antenna is properly matched.
* **Signal Sampling:** Providing a feedback loop for Automatic Gain Control (AGC) circuits.
* **Test and Measurement:** Used in lab environments to tap into high-speed data lines.
---
### 5. Implementation Example (Schematic Logic)
```mermaid
graph LR
A[Input Signal] --> B[CPL-6-50TR-R]
B --> C[Main Output]
B -- "-6dB Sample" --> D[Power Meter / Controller]
```
---
- ⤷
What is the maximum insertion loss for the CPL-6-50TR-R?
- ⤷ Can this coupler be used for frequencies above 1.5 GHz?
- ⤷ What are the footprint dimensions for PCB layout?