Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CR-C6-R

  • AI
    The **CR-C6-R** is a specialized, multi-functional **Common Rail Injector Tester**. It is an electronic diagnostic tool used to simulate the Engine Control Unit (ECU) signals required to drive electromagnetic (solenoid) fuel injectors. Below is a breakdown of its electronic components, technical specifications, and internal logic. --- ### 1. Key Electronic Components The device consists of several internal modules that manage power, signal generation, and user interface. | Component | Function | | :--- | :--- | | **Main Control Unit (MCU)** | An integrated microprocessor that generates the PWM (Pulse Width Modulation) signals. | | **Power Drive Circuit** | High-current MOSFETs or IGBTs that handle the actual electrical load of the injector. | | **LCD Display** | Usually a segment or character LCD used to show frequency and pulse width. | | **Potentiometers** | Analog dials used to adjust frequency (Hz) and pulse duration (ms) in real-time. | | **Protection Circuit** | Internal fuses and diodes to prevent damage from short circuits or reverse polarity. | --- ### 2. Technical Specifications The electronics are designed to operate within the following parameters: * **Input Voltage:** DC 12V - 24V (supports both passenger and commercial vehicle batteries). * **Operating Temperature:** -30°C to +70°C. * **Adjustable Frequency Range:** 1Hz to 30Hz. * **Adjustable Pulse Width:** 0.1ms to 10ms. * **Support Types:** Bosch, Denso, Delphi, and other electromagnetic injectors. --- ### 3. Electronic Operation Logic The CR-C6-R operates by converting a steady DC input into a controlled, pulsating output. 1. **Signal Generation:** The MCU generates a digital square wave based on the settings provided by the user via the knobs. 2. **Amplification:** Since an MCU cannot output the high current required to move a fuel injector needle, the signal is sent to a **Power Driver**. 3. **Inductive Load Handling:** Because injectors are inductive loads (coils), the electronic board includes "flyback" protection to handle the voltage spikes that occur when the magnetic field collapses. 4. **Monitoring:** The device monitors the connection; if the injector coil is open or shorted, the drive circuit typically limits output to protect the internal hardware. --- ### 4. Connection Interface The unit typically features three primary electronic connections: * **Power Input:** A 12V/24V socket for battery or adapter power. * **Injector Output:** A dedicated cable with universal clips or specific plugs (Bosch/Denso/Delphi). * **Control Knobs:** Two physical potentiometers for "Width" and "Frequency" adjustments. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between testing solenoid injectors and piezo injectors with this tool?
    • ⤷ Can the CR-C6-R be used while the injector is still installed in the vehicle engine?
    • ⤷ What are the common signs of electronic failure in a CR-C6-R unit?