CRE1S0505MC-R
AI

The **CRE1S0505MC-R** is a low-cost, ultra-compact DC-DC converter manufactured by Murata Power Solutions. It is designed for applications requiring high isolation and a small footprint.
---
### 1. General Specifications
This component belongs to the CRE1 series, which features a single-output, unregulated design.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 5V DC (Nominal) |
| **Output Voltage** | 5V DC |
| **Output Current** | 200mA (Max) |
| **Power Rating** | 1 Watt |
| **Isolation Voltage** | 1kV DC (1 minute) |
| **Efficiency** | ~75% (Typical) |
| **Package Type** | SMT (Surface Mount Technology) |
---
### 2. Key Internal Components & Architecture
The device is a "module," meaning it integrates several electronic parts inside a single plastic molding:
1. **Switching Controller:** An internal oscillator that converts the DC input into a high-frequency AC signal.
2. **Transformer:** A miniature high-frequency transformer that provides galvanic isolation between the input and output stages.
3. **Rectification Diodes:** Converts the AC signal back into DC after it passes through the transformer.
4. **Filter Capacitors:** Internal ceramic capacitors used to smooth the output ripple, though external capacitors are often recommended for sensitive circuits.
---
### 3. Pin Configuration
The CRE1S0505MC-R uses a standard SMT footprint. The typical pinout is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **-Vin** | Ground/Negative Input |
| 2 | **+Vin** | Positive Input (5V) |
| 3 | **-Vout** | Negative Output |
| 4 | **+Vout** | Positive Output (5V) |
---
### 4. Common Use Cases
* **Ground Loop Elimination:** Breaking ground loops in digital systems to reduce noise.
* **Level Shifting:** Providing a localized isolated power rail for sensors or communication interfaces (like RS-485 or CAN bus).
* **Medical/Industrial Isolation:** Providing basic safety isolation between control logic and power stages.
---
### 5. Design Considerations
* **Unregulated Output:** Because this is an unregulated converter, the output voltage may vary depending on the load. If the load is too light, the voltage may rise above 5V.
* **Thermal Management:** Ensure adequate PCB copper area around the pins to act as a heatsink, as 1W modules can get warm during full-load operation.
* **External Filtering:** To meet stricter EMC (Electromagnetic Compatibility) requirements, an external LC filter is usually added to the input and output.
- ⤷
What is the typical ripple and noise specification for this model?
- ⤷ Can this converter be used for 3.3V to 5V step-up applications?
- ⤷ What are the recommended external capacitor values for the CRE1S0505MC-R?