CRE2512-R001
AI

The **CRE2512-R001** is a high-power, surface-mount (SMD) current sense resistor. It belongs to the CRE series manufactured by Bourns, specifically designed for low-resistance applications like power management and motor control.
---
### ## Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the CRE2512-R001:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 0.001 $\Omega$ (1 m$\Omega$) |
| **Package Size** | 2512 (6.4 mm x 3.2 mm) |
| **Power Rating** | 2 Watts (at 70°C) |
| **Tolerance** | ±1% (standard) |
| **Temperature Coefficient (TCR)** | ±75 ppm/°C |
| **Operating Temperature** | -55°C to +170°C |
| **Technology** | Metal Alloy Strip |
---
### ### Key Features
1. **Metal Strip Construction:** Unlike standard thick-film resistors, the CRE series uses a metal alloy element. This provides superior thermal stability and higher power-handling capabilities.
2. **Low Inductance:** The physical structure results in very low self-inductance (< 5 nH), which is critical for high-frequency switching circuits.
3. **High Power-to-Size Ratio:** The 2512 footprint is standard, but the metal alloy allows it to dissipate up to 2W, which is significantly higher than general-purpose resistors of the same size.
4. **AEC-Q200 Compliance:** Most parts in this series are qualified for automotive use, ensuring high reliability under stress.
---
### ### Typical Applications
Because the resistance is extremely low (1 m$\Omega$), this part is used as a **shunt resistor** to measure current flow without significantly dropping the voltage of the circuit.
* **Power Supplies:** Monitoring output current in DC-DC converters.
* **Battery Management Systems (BMS):** Measuring charge and discharge cycles in Li-ion packs.
* **Motor Control:** Detecting phase current for precise torque control.
* **Consumer Electronics:** Laptop power adapters and mobile charging stations.
---
### ### How to Calculate Voltage Drop
To understand how this part behaves in your circuit, use Ohm’s Law ($V = I \times R$):
```python
# Example: Calculating voltage drop at 10 Amps
resistance = 0.001 # 1 mOhm
current = 10.0 # 10 Amps
voltage_drop = current * resistance
power_dissipation = (current**2) * resistance
print(f"Voltage Drop: {voltage_drop} V (10mV)")
print(f"Power Used: {power_dissipation} W")
```
- ⤷How do I design a PCB footprint for a 4-terminal Kelvin sensing layout with this part?
- ⤷ What are the thermal management requirements for running this resistor at its full 2W rating?
- ⤷ What are the alternatives to the CRE2512-R001 if I need a lower TCR?