CRE2512-R002
AI

The **CRE2512-R002** is a high-power, low-resistance current sense resistor. It belongs to the CRE series manufactured by **Bourns**, designed specifically for power management and current sensing applications.
---
### 1. Key Technical Specifications
The part number itself contains several encoded specifications regarding its physical size and resistance value.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Package Size** | 2512 (Imperial) | Dimensions of approx. 6.4mm x 3.2mm |
| **Resistance** | 0.002 $\Omega$ (2 m$\Omega$) | Extremely low resistance to minimize power loss |
| **Power Rating** | 2 Watts to 3 Watts | Varies slightly based on PCB thermal management |
| **Tolerance** | ±1% or ±5% | Precision level for current measurement |
| **Temperature Coefficient** | ±75 ppm/°C | Stability of resistance over temperature changes |
| **Technology** | Metal Alloy | Used for high reliability and pulse handling |
---
### 2. Functional Breakdown
#### A. Current Sensing (Shunt Resistor)
The primary function of the CRE2512-R002 is to act as a **Shunt**. By placing it in series with a load, a small voltage drop occurs across the resistor ($V = I \times R$). Because the resistance is a known constant (2 m$\Omega$), a microcontroller or sense amplifier can calculate the exact current flowing through the circuit.
#### B. Kelvin (4-Wire) Measurement Capability
While this specific part is a 2-terminal device, it is often used with "Kelvin" PCB traces. Because the resistance is so low (only 2 m$\Omega$), the resistance of the solder joints can interfere with accuracy. Designers use thin traces to sense the voltage directly at the resistor pads to bypass lead resistance.
#### C. Thermal Management
The 2512 package is larger than standard consumer resistors (like 0603 or 0805). This larger surface area, combined with a metal alloy construction, allows the part to dissipate heat effectively without drifting out of its specified resistance range.
---
### 3. Common Applications
* **BMS (Battery Management Systems):** Monitoring charge and discharge cycles in Li-ion packs.
* **Motor Control:** Detecting overcurrent conditions or managing torque.
* **DC-DC Converters:** Providing feedback loops for power supply regulation.
* **Automotive Electronics:** Used in lighting modules and power steering systems.
---
### 4. Part Number Decoding
The Bourns nomenclature for this part generally follows this structure:
```text
CRE 2512 - R002 F
| | | |
| | | +-- Tolerance (F = 1%)
| | +------ Resistance Value (R002 = 0.002 Ohms)
| +------------- Package Size (2512)
+------------------ Series Name (High Power Current Sense)
```
- ⤷
How do I calculate the maximum current this resistor can handle based on its 3W rating?
- ⤷ What are the advantages of using metal alloy over thick film for current sensing?
- ⤷ Can you explain the recommended PCB landing pattern for a 2512 shunt resistor?