CRL0603-FU-R090ELF
AI

The **CRL0603-FU-R090ELF** is a high-performance, low-resistance chip resistor manufactured by **Bourns**. It is specifically designed for current sensing applications where precision and space-saving are critical.
---
### 1. Component Overview
The part number can be decoded to understand its fundamental properties:
| Component Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CRL** | Series Name | Low Resistance Chip Resistor |
| **0603** | Package Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) |
| **F** | Tolerance | ±1% (Precision) |
| **U** | Temperature Coefficient | ±200 ppm/°C |
| **R090** | Resistance Value | 0.090 Ohms (90 mΩ) |
| **E** | Terminations | Cu/Ni/Sn (Lead-free) |
| **LF** | Compliance | RoHS Compliant |
---
### 2. Technical Specifications
This resistor is engineered for power management and feedback loops.
* **Resistance:** 90 mΩ (0.090 Ω)
* **Power Rating:** 0.100 Watts (1/10 W) at 70°C.
* **Operating Temperature Range:** -55°C to +155°C.
* **Maximum Working Voltage:** $\sqrt{P \times R}$ (approx. 0.095V for this specific value).
* **Construction:** Metal glaze on a high-grade ceramic body with protective overglaze.
---
### 3. Key Features and Benefits
* **High Precision:** The 1% tolerance ensures accurate current measurement with minimal error.
* **Low Inductance:** The thick film construction allows for clean signals in high-frequency switching environments.
* **Compact Footprint:** The 0603 SMD package is ideal for densely packed circuit boards in mobile electronics.
---
### 4. Typical Applications
The CRL series is primarily used in **Current Sense** circuits. Common use cases include:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates in lithium batteries.
2. **DC-DC Converters:** Providing feedback to the controller to regulate output current.
3. **Power Supplies:** Detecting overcurrent conditions for circuit protection.
4. **Motor Control:** Measuring the current draw of small stepper or DC motors.
---
- ⤷
What is the maximum current this resistor can handle before exceeding its power rating?
- ⤷ How does the temperature coefficient (TCR) affect the accuracy of this resistor in high-heat environments?
- ⤷ Are there alternative series from Bourns that offer higher power ratings in the same 0603 size?