CRL2512-FV-R090ELF
AI

The **CRL2512-FV-R090ELF** is a high-power, low-resistance chip resistor manufactured by Bourns. It is part of the CRL series, designed specifically for current sensing applications where precision and heat dissipation are critical.
---
### 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Resistance Value** | 0.090 Ohms (90 mΩ) |
| **Power Rating** | 1 Watt |
| **Tolerance** | ±1% |
| **Package / Case** | 2512 (6432 Metric) |
| **Temperature Coefficient (TCR)** | ±200 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
| **Technology** | Thick Film |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variations of this part:
* **CRL**: Series Name (Current Sense Chip Resistor).
* **2512**: Physical size (0.25 x 0.12 inches).
* **FV**: Specific terminal/performance characteristic (F = 1% Tolerance; V = specific TCR/Power rating category).
* **R090**: Resistance value (R denotes decimal; 0.090Ω).
* **E**: Embossed Plastic Tape packaging.
* **LF**: RoHS Compliant (Lead-Free).
---
### 3. Key Applications
Because of its low resistance and high power rating, this component is typically found in the following circuits:
1. **Current Sensing:** Measuring current flow by monitoring the voltage drop across the resistor ($V = I \times R$).
2. **Power Supplies:** Used in DC-DC converters for feedback loops and overcurrent protection.
3. **Battery Management:** Monitoring charging and discharging rates in portable electronics.
4. **Motor Control:** Detecting stall conditions or controlling torque in small motors.
---
### 4. Physical Considerations
The **2512 package** is relatively large compared to standard signal resistors (like 0603 or 0805). This larger footprint is necessary to:
* Dissipate the **1 Watt** of heat generated during operation.
* Provide a larger surface area for soldering, ensuring a stable connection under thermal stress.
---
- ⤷What are the recommended PCB layout patterns for 2512 sense resistors?
- ⤷ How does the TCR of 200 ppm/°C affect accuracy at high temperatures?
- ⤷ What are the alternatives to thick film resistors for even higher precision current sensing?