CRO2120B-LF
AI

The **CRO2120B-LF** is a high-performance **Voltage Controlled Oscillator (VCO)** manufactured by Skyworks Solutions (formerly Z-Communications). It is primarily designed for high-frequency signal generation in telecommunications and radio-frequency (RF) systems.
---
### 1. Key Technical Specifications
Below are the core electronic parameters for the CRO2120B-LF:
| Parameter | Specification | Unit |
| :--- | :--- | :--- |
| **Frequency Range** | 2120 to 2120 | MHz (Fixed/Narrow) |
| **Tuning Voltage** | 0.5 to 4.5 | Vdc |
| **Output Power** | 3.0 ± 3.0 | dBm |
| **Phase Noise (@10kHz offset)** | -110 (typ) | dBc/Hz |
| **Supply Voltage (Vcc)** | 5.0 | Vdc |
| **Supply Current (Icc)** | 25 | mA |
| **Harmonic Suppression** | -15 | dBc |
| **Package Style** | MINI-16-LOW | Surface Mount |
---
### 2. Functional Components
The internal architecture of this VCO consists of several critical electronic stages:
1. **Resonator Circuit:** Uses a high-Q ceramic coaxial resonator. This is what gives the "CRO" (Ceramic Resonator Oscillator) its name, providing superior phase noise performance compared to standard LC oscillators.
2. **Varactor Diode:** Acts as a voltage-variable capacitor. By changing the **Tuning Voltage**, the capacitance shifts, which adjusts the oscillation frequency.
3. **Active Transistor Stage:** Provides the necessary gain to sustain oscillation and ensures a stable output power level.
4. **Buffer Amplifier:** Internally isolates the oscillator from the output load. This prevents "load pulling," where changes in the output impedance could shift the frequency.
---
### 3. Pin Configuration (Typical MINI-16)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **2** | Vt | Control/Tuning Voltage input |
| **10** | RF Out | High-frequency signal output |
| **14** | Vcc | Supply Voltage (5V) |
| **Others** | GND | Ground connections for shielding |
---
### 4. Application Areas
Because of its low phase noise and narrow-band stability, the CRO2120B-LF is commonly used in:
* **Fixed Wireless Access:** For stable local oscillator (LO) signals.
* **Satellite Communications:** Down-converters and up-converters.
* **Test Equipment:** Precision signal generators.
- ⤷
What is the significance of the '-LF' suffix in the part number?
- ⤷ How does 'Phase Noise' impact the performance of this VCO in a communication system?
- ⤷ Can this VCO be used in a Phase-Locked Loop (PLL) circuit?