Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CS-300-DFF-R4D2T4G

  • AI
    The **CS-300-DFF-R4D2T4G** is a high-performance **Oven Controlled Crystal Oscillator (OCXO)** manufactured by **Vectron International** (now part of Microchip Technology). This specific series is designed for applications requiring extreme frequency stability and low phase noise. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the electronic specifications of the component: | Segment | Meaning | Specification Details | | :--- | :--- | :--- | | **CS-300** | Series Model | Precision OCXO Series | | **DFF** | Package/Input Type | Specifically refers to the physical footprint and power requirements | | **R4** | Temperature Stability | Often represents ±0.05 ppm or better (depends on datasheet version) | | **D2** | Operating Temp Range | Typically -40°C to +85°C (Industrial Grade) | | **T4** | Output Type | LVCMOS or Sinewave (varies by sub-designation) | | **G** | RoHS Compliance | Green / Lead-Free compliant | --- ### 2. Key Technical Specifications The CS-300 series is defined by its ability to maintain a consistent frequency despite environmental changes. * **Frequency Range:** Usually available from 10 MHz to 100 MHz. * **Stability:** Features "Stratum 3" or better performance, meaning it maintains accuracy within parts-per-billion (ppb). * **Supply Voltage:** Generally operates at **3.3V or 5.0V DC**. * **Aging:** Very low aging rate (e.g., < ±1.0 ppb per day). * **Warm-up Time:** Requires a few minutes to reach peak stability as the internal oven heats the crystal to a specific turnover temperature. --- ### 3. Core Electronic Components Inside this module, several critical electronic stages work together: 1. **SC-Cut Crystal:** Uses a "Stress Compensated" quartz crystal which is less sensitive to mechanical and thermal shock compared to standard AT-cut crystals. 2. **Heating Element & Sensor:** A thermistor senses the internal temperature, and a heating circuit maintains the crystal at a precise constant temperature (usually around 75°C to 85°C). 3. **Varactor Diode:** Used in the tuning circuit to allow fine frequency adjustments via an external control voltage (VC-OCXO functionality). 4. **Low Noise Regulator:** Internal voltage regulation to ensure that power supply ripples do not translate into frequency jitter. --- ### 4. Typical Applications Due to its high precision, this part is commonly found in: * **Telecommunications:** Base stations (LTE/5G), Small Cells, and SyncE (Synchronous Ethernet). * **Test & Measurement:** High-end frequency counters and signal generators. * **Military/Aerospace:** Secure communication links and radar timing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an OCXO and a standard TCXO?
    • ⤷ How does the 'SC-Cut' crystal improve performance in this specific model?
    • ⤷ What are the power consumption requirements during the 'warm-up' phase for the CS-300?