Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CS080

  • AI
    The **CS080** typically refers to a specific series of **Current Sensors** (Current Transformers) or, in some contexts, specific SMD (Surface Mount Device) passive components like ceramic capacitors or inductors. However, in the electronics industry, "CS080" is most prominently associated with **High-Precision Current Sensors**. --- ### 1. Key Features of CS080 Current Sensors These components are designed to measure AC currents by transforming high primary currents into manageable secondary currents for monitoring circuits. | Feature | Specification (Typical) | | :--- | :--- | | **Primary Current Range** | 0.1A to 100A | | **Turns Ratio** | 1:1000 or 1:2000 | | **Frequency Range** | 50Hz - 400Hz | | **Dielectric Strength** | 2500V AC / 1 minute | | **Mounting Type** | PCB Through-hole | ### 2. Applications These parts are integral to power management and protection systems: * **Energy Meters:** Measuring household or industrial power consumption. * **Overload Protection:** Detecting surges to trigger circuit breakers. * **Control Panels:** Monitoring motor performance or heating elements. * **UPS Systems:** Managing battery charging and output loads. ### 3. Connection and Circuit Integration To use a CS080 current transformer, you must connect a **burden resistor** across the secondary terminals to convert the induced current into a measurable voltage. ```cpp // Basic logic for reading CS080 output via Microcontroller float getAmps() { int sensorValue = analogRead(A0); // Read voltage from burden resistor float voltage = (sensorValue * 5.0) / 1024.0; float current = voltage * calibrationFactor; // Calculate based on turns ratio return current; } ``` --- ### 4. Alternative Identification: CS0805 If you are referring to **CS0805**, this is a standardized package size for Surface Mount Devices (SMD). * **Dimensions:** 2.0mm x 1.25mm (0.08 x 0.05 inches). * **Common Components:** Ceramic Capacitors (MLCC), Resistors, and Ferrite Beads. * **Usage:** High-density PCB layouts where space is limited but hand-soldering is still possible. ---
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the burden resistor for a CS080 sensor?
    • ⤷ What are the physical dimensions of the CS080 through-hole package?
    • ⤷ How does the CS080 compare to Hall Effect sensors for current measurement?