Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CS209AYD8

  • AI
    ## Technical Overview of the CS209AYD8 The **CS209AYD8** is a specialized integrated circuit (IC) primarily designed for **proximity sensing** and **metal detection**. It is an analog monolithic IC typically housed in an 8-pin SOIC (Small Outline Integrated Circuit) package. --- ### 1. Key Functionality The CS209AYD8 operates based on the principle of **Eddy Current Loss**. It contains an internal oscillator whose amplitude is affected by the proximity of metal objects. | Feature | Description | | :--- | :--- | | **Primary Use** | Proximity sensor, metal detector, or electronic switch. | | **Detection Method** | Changes in the Q-factor of an external LC tank circuit. | | **Output Type** | Open-collector (capable of sinking up to 20mA). | | **Sensitivity** | Adjustable via an external resistor. | --- ### 2. Internal Components & Pinout The device integrates several critical electronic stages to perform metal detection with minimal external components. #### Pin Configuration (8-Pin SOIC) 1. **OSC (Oscillator):** Connection for the external LC tank circuit. 2. **RES (Resistor):** Sensitivity adjustment pin. 3. **GND:** Ground. 4. **OUT:** Open-collector output (switches when metal is detected). 5. **Vcc:** Positive supply voltage. 6. **REF:** Internal reference voltage point. 7. **FB (Feedback):** Used for gain control. 8. **NC:** No connection. --- ### 3. Electrical Characteristics The following table highlights the typical operating parameters for the CS209AYD8: | Parameter | Value/Range | Unit | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 4.0 to 14 | V | | **Supply Current (Icc)** | 3.0 to 6.0 | mA | | **Oscillator Frequency** | Up to 1.0 | MHz | | **Output Sink Current** | 20 (Max) | mA | | **Operating Temp** | -20 to +85 | °C | --- ### 4. How the Circuit Works 1. **Oscillation:** An external inductor and capacitor (LC tank) are connected to the IC to create a high-frequency magnetic field. 2. **Eddy Currents:** When a metallic object enters this field, eddy currents are induced in the metal, which absorbs energy from the oscillator. 3. **Threshold Detection:** The IC monitors the reduction in oscillation amplitude. When it drops below a specific threshold (set by the resistor on the RES pin), the internal comparator triggers. 4. **Output Logic:** The output pin (OUT) changes state, signaling the presence of metal. --- ### 5. Application Examples * **Industrial Automation:** Counting metal parts on a conveyor belt. * **Security:** Handheld metal detection wands. * **Automotive:** Gear tooth sensing or position monitoring. * **Consumer Electronics:** Non-contact limit switches.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the external LC tank circuit?
    • ⤷ How does the resistance on the RES pin affect the detection distance?
    • ⤷ Is the CS209AYD8 compatible with 3.3V logic levels?