Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CS3003

  • AI
    ## Overview of the CS3003 The **CS3003** is a high-precision, low-noise, chopper-stabilized operational amplifier (Op-Amp) manufactured by Cirrus Logic. It is specifically designed for applications requiring extremely low offset voltage and high DC precision, such as weigh scales, medical instrumentation, and industrial process control. --- ### 1. Key Electronic Specifications The performance of the CS3003 is defined by its ability to amplify microvolt-level signals without adding significant error. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Offset Voltage** | 2 $\mu$V (Max) | | **Offset Drift** | 0.02 $\mu$V/°C | | **Open Loop Gain** | 150 dB | | **Power Supply Range** | 2.7V to 5.0V | | **Operating Current** | 1.0 mA | | **PSRR / CMRR** | 120 dB / 110 dB | --- ### 2. Core Electronic Components & Architecture The CS3003 utilizes a **Chopper-Stabilized (Auto-Zero)** architecture. This involves several internal stages: 1. **Modulator/Demodulator:** The input signal is "chopped" or switched at a high frequency. This shifts the DC offset and $1/f$ noise to a higher frequency, where it can be filtered out. 2. **Main Amplifier:** A high-gain stage that provides the primary signal amplification. 3. **Nulling Amplifier:** An auxiliary amplifier that constantly monitors the main amplifier's input and injects a correction signal to nullify any detected offset. 4. **Integrated Capacitors:** Unlike older chopper amps that required external capacitors to store error voltages, the CS3003 integrates these capacitors on-chip to save board space. --- ### 3. Pin Configuration (8-Pin SOIC/MSOP) The CS3003 follows a standard Op-Amp pinout but requires careful decoupling for optimal performance. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-Inverting Input | | 4 | V- | Negative Power Supply (GND) | | 5 | NC | No Connection | | 6 | OUT | Amplifier Output | | 7 | V+ | Positive Power Supply | | 8 | NC | No Connection | --- ### 4. Application Circuit Example To maintain the high precision of the CS3003, a low-pass filter is often used at the output to remove any residual chopping noise. ```text V+ | [0.1uF] (Decoupling Capacitor) | +IN --[+]----------- | CS3003 |----[ R ]---- Output -IN --[-]--| |---- | | |---| [ C ] (Filtering) V- (GND) | GND ``` --- ### 5. Design Considerations * **Thermoelectric Effects:** Because the offset is so low (2 $\mu$V), different metals on the PCB (solder, copper, component leads) can create thermocouples that generate more voltage than the Op-Amp's offset. Keep input traces symmetrical. * **Power Supply Decoupling:** Use a 0.1 $\mu$F ceramic capacitor placed as close as possible to Pin 7 (V+). * **PCB Guarding:** Use guard rings around the high-impedance input traces to prevent leakage currents from affecting the precision.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CS3003 and the CS3004?
    • ⤷ How does the chopper-stabilized architecture reduce 1/f noise?
    • ⤷ What are the best practices for PCB layout when using high-precision Op-Amps?