Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • CS3003-FSZ

  • AI
    ## Overview of CS3003-FSZ The **CS3003-FSZ** is a high-precision, low-noise, chopper-stabilized operational amplifier (Op-Amp) manufactured by **Cirrus Logic**. It is specifically designed for applications requiring near-zero DC offset and long-term stability. --- ### 1. Key Technical Specifications The following table outlines the critical electrical characteristics of the CS3003-FSZ: | Parameter | Specification | | :--- | :--- | | **Architecture** | Chopper-Stabilized (Zero-Drift) | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Range)** | 2.7V to 5.0V | | **Input Offset Voltage (Max)** | 5 µV | | **Input Offset Drift (Max)** | 0.05 µV/°C | | **Open Loop Gain** | 150 dB | | **Common Mode Rejection Ratio (CMRR)** | 135 dB | | **Power Supply Rejection Ratio (PSRR)** | 130 dB | | **Package Type** | 8-pin SOIC | --- ### 2. Core Functional Parts & Internal Design The CS3003-FSZ achieves its performance through several internal electronic mechanisms: 1. **Chopper Stabilization Architecture:** * The internal circuitry continuously "chops" the input signal, converting the DC offset and low-frequency noise into high-frequency components that are then filtered out. * This results in virtually zero drift over time and temperature. 2. **Input Stage:** * Features extremely high input impedance to minimize loading effects on sensitive sensors. * Designed for low input bias current, making it ideal for high-impedance signal sources. 3. **Output Stage:** * Provides rail-to-rail output swing, allowing the signal to move close to the positive and negative supply voltages, maximizing dynamic range. --- ### 3. Application Use Cases Because of its high precision, the CS3003-FSZ is commonly found in the following electronic circuits: * **Weight Scales & Load Cells:** Amplifying the millivolt signals from strain gauges where DC precision is vital. * **Thermocouple Amplifiers:** Handling microvolt-level changes in temperature sensors. * **Medical Instrumentation:** Used in ECG or EEG leads where low-frequency noise must be minimized. * **Precision Current Sensing:** Shunt resistor monitoring in power management systems. --- ### 4. Part Number Breakdown (CS3003-FSZ) * **CS3003**: The specific model family (Single Op-Amp). * **F**: Temperature grade (typically industrial -40°C to +85°C). * **S**: Package code (SOIC). * **Z**: Lead-free / RoHS compliant finishing.
    ✨ Follow-up Questions
    • ⤷ How does the chopper stabilization in the CS3003 compare to standard bipolar Op-Amps?
    • ⤷ What are the recommended decoupling capacitor values for the CS3003-FSZ?
    • ⤷ Is there a dual-channel version of this specific Op-Amp available?